Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2CC910OC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2CC910OC
Description  1:10 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2CC910OC Datasheet HTML 1Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 2Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 8Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *B
Page 3 of 9
Note:
2. Test load conditions: 500-Ohm to ground with approximately 6-pF total loading and 200-MHz maximum frequency.
DC Electrical Characteristics @ 2.5V (see Figure 2)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
Output High Voltage
VDD = Min., VIN = VIH or VIL
IOH = –7 mA
1.8
V
IOH = 12 mA
1.6
V
VOL
Output Low Voltage
VDD = Min., VIN = VIH or VIL
IOL = 12 mA
0.65
V
VIH
Input High Voltage
Guaranteed Logic High Level
1.6
5.0
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
0.8
V
IIH
Input High Current
VDD = Max.
VIN = 2.4V
1
µA
IIL
Input Low Current
VDD = Max.
VIN = 0.5V
–1
µA
II
Input High Current
VDD = Max., VIN = VDD(Max.)
20
µA
VIK
Clamp Diode Voltage
VDD = Min., IIN = –18 mA
–0.7
–1.2
V
IOK
Continuous Clamp Current
VDD = Max., VOUT = GND
–50
mA
OOFF
Power Down Disable
VDD = GND, VOUT = < 4.5V
100
µA
VH
Input Hysteresis
80
mV
DC Electrical Characteristics @ 1.8V (see Figure 6)
Parameter
Description
Test Condition[2]
Min.
Max.
Unit
VDD
Supply Voltage
1.71
1.89
V
VIH
Input High Voltage
0.65VDD[1.1]
4.3
V
VIL
Input Low Voltage
–0.3
0.35 VDD[0.6]
V
VOH
Output High Voltage
IOH = –2 mA
VDD – 0.45[1.2]
V
VOL
Output Low Voltage
IOH = 2 mA
0.45
V
Capacitance
Parameter
Description
Test Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
2.5
pF
COUT
Output Capacitance
VOUT = 0V
6.5
pF
Power Supply Characteristics (see Figure 2)
Parameter
Description
Test Conditions
Min.
Typ
Max
Unit
∆
ICC
Delta ICC Quiescent Power
Supply Current
(IDD @ VDD = Max and VIN = VDD) – (IDD @
VDD = Max and VIN = VDD – 0.6V)
50
µA
ICCD
Dynamic Power Supply
Current
VDD = Max
Input toggling 50% Duty Cycle, Outputs
Open
0.63
mA/
MHz
IC
Total Power Supply Current
VDD = Max
Input toggling 50% Duty
Cycle, Outputs Open fL = 40 MHZ
25
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com