Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX4821 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 21Page - Texas Instruments TMUX4821 Datasheet HTML 22Page - Texas Instruments TMUX4821 Datasheet HTML 23Page - Texas Instruments TMUX4821 Datasheet HTML 24Page - Texas Instruments TMUX4821 Datasheet HTML 25Page - Texas Instruments TMUX4821 Datasheet HTML 26Page - Texas Instruments TMUX4821 Datasheet HTML 27Page - Texas Instruments TMUX4821 Datasheet HTML 28Page - Texas Instruments TMUX4821 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Because this device has such a low on-resistance, it can be used in applications with very low output speaker
impedance such as 8Ω or 4Ω systems. In these applications, the current through the switch can increase
drastically, causing self heating.
16.2.2 Smart Drug Delivery Flow Meters
For smart drug delivery applications, a precise measurement of the dosage must be monitored. One very
accurate architecture that is used is differential time of flight (TOF) using transducers. Many liquid flow sensor
systems are higher attenuation compared to gas applications. In these high attenuation scenarios, a higher
excitation voltage is used to significantly increase the signal to noise ratio (SNR). A bidirectional 2:1 multiplexer
is used to switch the transmission and reception signals from the MCU to the transceivers without distortion.
Because the TMUX48xx can support signals beyond the supply, it is an excellent choice for handling this higher
excitation voltage. The TMUX48xx can be used to switch up to -15V to 15V with a supply voltage from 1.8V to
5.5V, with an ultra-low on-resistance to minimize the impact on the signal quality. The supply can also be driven
directly with a GPIO, allowing the user to put the device into ultra-low power mode. In this mode the TMUX48xx
operates with powered-off protection, so any high voltage present on the inputs will not propagate to the outputs.
This allows correct power up cycling and increases system robustness. Additionally, the TMUX48xx features
excellent THD+N performance, so there is minimal impact to the signal quality through the switch.
ADC
DAC
GPIO
MSP430
VDD
SEL
SEL
VDD
Figure 16-4. Smart Drug Delivery Flow Meters
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com