Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX4821 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 24Page - Texas Instruments TMUX4821 Datasheet HTML 25Page - Texas Instruments TMUX4821 Datasheet HTML 26Page - Texas Instruments TMUX4821 Datasheet HTML 27Page - Texas Instruments TMUX4821 Datasheet HTML 28Page - Texas Instruments TMUX4821 Datasheet HTML 29Page - Texas Instruments TMUX4821 Datasheet HTML 30Page - Texas Instruments TMUX4821 Datasheet HTML 31Page - Texas Instruments TMUX4821 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Some key considerations are as follows:
• For reliable operation, connect a decoupling capacitor ranging from 0.1µF to 10µF between VDD and GND.
TI recommends a 0.1µF and 1µF capacitor, placing the lowest value capacitor as close to the pin as possible.
Make sure that the capacitor voltage rating is sufficient for the supply voltage.
• Keep the input lines as short as possible.
• Use a solid ground plane to help reduce electromagnetic interference (EMI) noise pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
• Using multiple vias in parallel will lower the overall inductance and is beneficial for connection to ground
planes.
16.4.2 Layout Example
VDD
S1
D1
SEL2
GND
S2
D2
SEL1
GND
Via to ground plane
Top View
VDD
SA
N.C.
EN
GND
SB
D
SEL
GND
Top View
Figure 16-7. TMUX48xx Layout Example
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com