Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6244HVCMS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 6Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 7Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 8Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 9Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 10Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 11Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 12Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 13Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6244
10
6244f
Output Saturation Voltage
vs Load Current (Output High)
Gain Bandwidth and Phase
Margin vs Temperature
Open Loop Gain vs Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
Slew Rate vs Temperature
Output Impedance vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (mA)
0.1
0.01
0.1
1
10
1
10
100
6244 G10
TA = 125°C
TA = 25°C
TA = –55°C
VS = 5V, 0V
TEMPERATURE (
°C)
–55 –35 –15
30
40
60
70
65
85 105
6244 G11
50
0
–20
20
60
80
40
5
25
45
125
VS = ±5V
PHASE
MARGIN
GAIN
BANDWIDTH
VS = ±5V
VS = ±1.5V
VS = ±1.5V
CL = 5pF
RL = 1k
FREQUENCY (Hz)
0
20
30
40
60
80
10k
1M
10M
100M
6244 G12
–20
100k
100
–10
10
50
70
90
–80
–40
–20
0
40
80
–120
120
–100
–60
20
60
100
VS = ±5V
VS = ±1.5V
CL = 5pF
RL = 1k
VCM = VS/2
PHASE
GAIN
TOTAL SUPPLY VOLTAGE (V)
0
40
50
60
70
30
40
50
60
2
46
8
6244 G13
10
12
TA = 25°C
CL = 5pF
RL = 1k
GAIN BANDWIDTH
PHASE MARGIN
TEMPERATURE (
°C)
–50
34
46
48
50
0
50
75
6244 G14
30
42
38
32
44
28
40
36
–25
25
100
125
VS = ±5V
VS = ±2.5V
AV = –2
RF = 1k, RG = 500Ω
CONDITIONS: SEE NOTE 11
FALLING
RISING
FREQUENCY (Hz)
0.1
10
100
0.01
1
10k
1M
10M
100M
6244 G15
0.001
100k
1000
AV = 10
AV = 1
AV = 2
TA = 25°C
VS = ±2.5V
Common Mode Rejection Ratio
vs Frequency
Channel Separation vs Frequency
FREQUENCY (Hz)
10
30
50
70
90
10k
1M
10M
100M
6244 G16
–10
100k
110
0
20
40
60
80
100
TA = 25°C
VS = ±2.5V
FREQUENCY (Hz)
–100
–80
–60
–40
–20
10k
1M
10M
100M
6244 G17
–120
100
0
–110
–90
–70
–50
–30
–10
TA = 25°C
VS = ±2.5V
AV = 1
Output Saturation Voltage
vs Load Current (Output Low)
LOAD CURRENT (mA)
0.1
0.01
0.1
1
10
1
10
100
6244 G09
TA = 125°C
TA = 25°C
TA = –55°C
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com