Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6244HVCMS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 16Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 17Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 18Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 19Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 20Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 21Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 22Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 23Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC6244
20
6244f
A Low Noise AC Difference Amplifier
In the signal conditioning of wideband sensors and trans-
ducers, a low noise amplifier is often used to provide gain
for low level AC difference signals in the frequency range
of a few Hertz to hundreds of kilo-Hertz. In addition, the
amplifier must reject common mode AC signals and its input
impedance should be higher than the differential source
impedance. Typical applications are piezoelectric sensors
used in sonar, sound and ultrasound systems and LVDT
(linear variable differential transformers) for displacement
measurements in process control and robotics.
The Figure 11a circuit is a low noise, single supply AC
difference amplifier. The amplifier’s low frequency –3dB
bandwidth is set with resistor R5 and capacitor C3, while
the upper –3dB bandwidth is set with R2 and C1. The
input common mode DC voltage can vary from ground to
V+ and the output DC voltage is equal to the VREF voltage.
The amplifier’s gain is the ratio of resistors R2 to R1 (R4
= R2 and R3 = R1). The component values in the circuit
of Figure 11a implement an 800Hz to 160kHz AC ampli-
fier with a gain equal to 10 and 12nV/√Hz input referred
voltage noise density shown in Figure 11b. The total input
referred wideband noise is 4.5µVRMS, in the bandwidth
of 500Hz to 200kHz.
APPLICATIO S I FOR ATIO
Input Impedance = 2 • RIN
Gain
VV
V
OUT
OUT
I
=
+ –
–
N
NIN
G
IN
F
V
R
R
Maximum
C
+
=
=
–
–
Gain =
5MHz
f3dB
1
439
98
2
2
8 977
3
••
.•
•
•
fGain
C
Gain
Gain R
f
dB
IN
IN
+
()
=
+
3
3
3
2
1
4000
dB
dB
GF
IN
f
RC
C
=
••
•
•
π
Figure 9b. Design Equations for Figure 9a Circuit
32
28
24
20
16
12
8
10k
100k
FREQUENCY (Hz)
6244 F10
1M
4
f–3dB = 970kHz
GAIN = 5
RIN = 4k
Figure 10. Differential Input Referred Noise
2k
2k
VIN
+
RG
10k
RIN
2k
RIN
2k
CIN
82pF
CIN
82pF
CF
33pF
CF
33pF
–
+
1/2
LTC6244
VOUT
+
–
+
1/2
LTC6244
VOUT
–
2k
6244 F09a
V+
V–
2k
RG
10k
VIN
–
Figure 9a. Low Noise Fully Differential Buffer/Amplifier
(f–3dB = 970kHz, Gain = 5, RIN = 4k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com