Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2LL843 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2LL843
Description  High-drive Two-Channel LVDS Repeater/Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2LL843 Datasheet HTML 4Page - Cypress Semiconductor CY2LL843 Datasheet HTML 5Page - Cypress Semiconductor CY2LL843 Datasheet HTML 6Page - Cypress Semiconductor CY2LL843 Datasheet HTML 7Page - Cypress Semiconductor CY2LL843 Datasheet HTML 8Page - Cypress Semiconductor CY2LL843 Datasheet HTML 9Page - Cypress Semiconductor CY2LL843 Datasheet HTML 10Page - Cypress Semiconductor CY2LL843 Datasheet HTML 11Page - Cypress Semiconductor CY2LL843 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ComLink™ Series
CY2LL843
Document #: 38-07066 Rev. OBS
Page 8 of 13
Temp =25°C
3.500
4.000
4.500
5.000
5.500
6.000
0
0.5
1
1.5
2
2.5
VIC
0.400
VID
Figure 9. TPHL vs. VIC 3.3V, 50 MHz
Temp=85°C
-100.00
-80.00
-60.00
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
50
100
150
200
250
300
350
400
Freq. (MHz)
Figure 10. TPLH-TPHL vs. VIC 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com