Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2LL843 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2LL843
Description  High-drive Two-Channel LVDS Repeater/Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2LL843 Datasheet HTML 1Page - Cypress Semiconductor CY2LL843 Datasheet HTML 2Page - Cypress Semiconductor CY2LL843 Datasheet HTML 3Page - Cypress Semiconductor CY2LL843 Datasheet HTML 4Page - Cypress Semiconductor CY2LL843 Datasheet HTML 5Page - Cypress Semiconductor CY2LL843 Datasheet HTML 6Page - Cypress Semiconductor CY2LL843 Datasheet HTML 7Page - Cypress Semiconductor CY2LL843 Datasheet HTML 8Page - Cypress Semiconductor CY2LL843 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ComLink™ Series
CY2LL843
Document #: 38-07066 Rev. OBS
Page 3 of 13
Table 4. Receiver Electrical Characteristics Over Recommended Operating Conditions
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VITH+
Positive-going Differential Input Voltage Threshold
VCM = 1.2V
100
mV
VITH-
Negative-going Differential Input Voltage Threshold
VCM = 1.2V
–100
mV
II
Input Current ( A Inputs)
VI = 0V
–0.5
–10
uA
VI = 2.4V
–10
uA
II
Input Current (B Inputs)
VI = 0.8V
0.5
10
uA
VI = 2.4V
10
uA
II (Off)
Power Off Current (A or B Inputs)
VDD = 0V
0.1
10
uA
Table 5. Receiver Electrical Characteristics Over Recommended Operating Conditions
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VOD
Differential Output Voltage Swing
RL = 50 Ohm
See Figure 11,
Figures [15]–[19]
247
340
454
mV
~VOD
Change in differential Output Voltage
Swing between logic states
-50
50
mV
VOC(SS)
Steady State Common-mode output
voltage
See Figure 12
1.125
1.375
V
~VOC(SS)
Change in Steady State
Common-mode output between logic
states
-50
3
50
mV
VOC(PP)
Peak to Peak Common-mode output
voltage
150
mV
ICC
Supply Current
No load f = 100 MHz
30
mA
RL = 50 ohm, F = 100 MHz
35
mA
Both Channels Disabled
25
mA
IH
High Level Input Current
S0,S1,DE
VIH = 5V
20
uA
IIL
Low Level Input Current
S0,S1,DE
VIL = 0.8V
5
uA
IOS
Short Circuit Current
VOY or V0Z = 0V
20
mA
VOD = 0V
20
IOZ
High Impedance Output Current
VOD = 60mV
0.1
1
uA
VO= 0V or VDD
0.1
1
Cin
Input Capacitance
1A, 1B, 2A, 2B
3
pF
Control Input Capacitance
S0, S1, 1DE, 2DE
8
pF
Table 6. Differential Receiver to Driver Switching Characteristics Over Recommended Operating Conditions [[5]]
Parameter
Description
Test Conditions
Min.
Typ.[[4]]
Max.
Unit
TPLH
Differential Propagation delay, Low to High CL = 10 pF (see Figure 14)4
6
nS
TPHL
Differential Propagation delay, High to Low
4
6
nS
Tsk(p)
Pulse Skew ( TPHL–TPLH)0.2
nS
Tr
Transition Low to High
800
1500
pS
Tf
Transition High to Low
800
1500
pS
Notes:
4.
All typical values are measured at 25°C with a 3.3V supply.
5.
These parameters are measured over supply voltage and temperature ranges recommended for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com