Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTV855ZXCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2SSTV855ZXCT
Description  Differential Clock Buffer/Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTV855ZXCT Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2SSTV855ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CY2SSTV855
Document #: 38-07459 Rev. *F
Page 6 of 7
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimensions
Spread Aware is a trademark of Cypress Semiconductor. All product and company names mentioned in this document may be
the trademarks of their respective holders.
tPLH
Low-to-High Propagation Delay,
CLKINT to YT[0:3]
1.5
3.5
6
ns
tPHL
High-to-Low Propagation Delay,
CLKINT to YT[0:3]
1.5
3.5
6
ns
tSK(0)
Any Output to Any Output Skew[14]
–
–
100
ps
t(Ø)
Static Phase Offset[14]
–450
–
450
ps
tD(Ø)
Dynamic Phase Offset
f > 66 MHz
–350
–
350
ps
AC Electrical Specifications (AVDD = VDDQ = 2.5V±5%, TA = –40°C to +85°C)
[10, 11] (continued)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Ordering Information
Part Number
Package Type
Product Flow
CY2SSTV855ZC
28-pin TSSOP
Commercial, 0
° to 70°C
CY2SSTV855ZCT
28-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
CY2SSTV855ZI
28-pin TSSOP
Industrial, –40
° to 85°C
CY2SSTV855ZIT
28-pin TSSOP – Tape and Reel
Industrial,–40
° to 85°C
Lead Free
CY2SSTV855ZXC
28-pin TSSOP
Commercial, 0
° to 70°C
CY2SSTV855ZXCT
28-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
CY2SSTV855ZXI
28-pin TSSOP
Industrial, –40
° to 85°C
CY2SSTV855ZXIT
28-pin TSSOP – Tape and Reel
Industrial,–40
° to 85°C
PIN 1 ID
SEATING
PLANE
BSC.
BSC
0°-8°
PLANE
GAUGE
1
28
9.60[0.378]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
6.50[0.256]
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
9.80[0.386]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
0.25[0.010]
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.16 gms
PART #
Z28.173 STANDARD PKG.
ZZ28.173 LEAD FREE PKG.
28-Lead Thin Shrunk Small Outline Package (4.40-mm Body) Z28.173
51-85120-*A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com