Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTV855ZXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2SSTV855ZXCT
Description  Differential Clock Buffer/Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTV855ZXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2SSTV855ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY2SSTV855ZXCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CY2SSTV855
Document #: 38-07459 Rev. *F
Page 7 of 7
Document History Page
Document Title: CY2SSTV855 Differential Clock Buffer/Driver
Document #: 38-07459
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
117544
09/09/02
HWT
New data sheet
*A
122934
12/18/02
RBI
Add power up requirements to maximum ratings information
*B
124087
04/23/03
RGL
Changed the package drawing and dimension from Z28 to Z29
Corrected the block diagram
Changed the Output Enable/Disable time from 3/3 to 30/10 ns
Eliminated Dynamic Phase Offset spec.
Changed the Phase Error Jitter spec. from ±50 to ±150 ps
*C
215389
See ECN
RGL
Added an Industrial Grade Devices (temp from –40°C to 85).
*D
224444
See ECN
RGL
Removed “PRELIMINARY”
*E
401500
See ECN
RGL
Added Lead Free Devices
*F
436956
See ECN
RGL
Changed the static and dynamic offset numbers



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com