Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216571 Datasheet(PDF) 14 Page - Molex Electronics Ltd.

Part # 216571
Description  MICRO-FIT SOLUTION WIRE TO BOARD CONNECTOR SYSTEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

216571 Datasheet(HTML) 14 Page - Molex Electronics Ltd.

Back Button 216571 Datasheet HTML 10Page - Molex Electronics Ltd. 216571 Datasheet HTML 11Page - Molex Electronics Ltd. 216571 Datasheet HTML 12Page - Molex Electronics Ltd. 216571 Datasheet HTML 13Page - Molex Electronics Ltd. 216571 Datasheet HTML 14Page - Molex Electronics Ltd. 216571 Datasheet HTML 15Page - Molex Electronics Ltd. 216571 Datasheet HTML 16Page - Molex Electronics Ltd. 216571 Datasheet HTML 17Page - Molex Electronics Ltd. 216571 Datasheet HTML 18Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
PRODUCT SPECIFICATION
Micro-Fit + Connector System Web Page
TABLE OF CONTENTS
REVISION:
ECM INFORMATION:
TITLE:
MICRO-FIT + WTB PRODCUT SPEC
WIRE TO BOARD CONNECTOR SYSTEM
SHEET No.
D3
EC No:
646943
14 of 23
DATE:
10/12/2020202
2/10/17
DOCUMENT NUMBER:
DOC
TYPE:
DOC
PART:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
2064600000-PS
PS
000
ZIXUAQ
NCSR
NCSR
TEMPLATE FILENAME: 1703070003 REV A
6.2
MECHANICAL PERFORMANCE (CONT.)
ITEM
DESCRIPTION
TEST CONDITION
REQUIREMENT
6.2.7
Wire Pullout Force
(Axial)
Apply an axial pullout force on the wire at a
rate of 25 ± 6 mm (1 ± ¼ inch).
Per EIA-364-08
Wire Size
Min. pullout
force
16 AWG
89 N (20.0 lbf)
18 AWG
89 N (20.0 lbf)
20 AWG
57.8 N (13.0 lbf)
22 AWG
35.6 N (8.0 lbf)
24 AWG
22.2 N (5.0 lbf)
26 AWG
13.3 N (3.0 lbf)
28 AWG
8.9 N (2.0 lbf)
30 AWG
6.6 N (1.5 lbf)
6.2.8
Header Pin
Retention Force
(From Header
Housing)
Apply an axial pullout force to pin at a rate of
25 ± 6 mm (1 ± ¼ inch).
13.7 N (3.1 lbf)
MINIMUM retention force
6.2.9
Header
Retention Force
(From PCB)
Apply an axial pullout force to Header at a rate
of
25 ± 6 mm (1 ± ¼ inch).
20.0 N (4.49 lbf) per circuit
MINIMUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com