Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216571 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 216571
Description  MICRO-FIT SOLUTION WIRE TO BOARD CONNECTOR SYSTEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

216571 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  216571 Datasheet HTML 1Page - Molex Electronics Ltd. 216571 Datasheet HTML 2Page - Molex Electronics Ltd. 216571 Datasheet HTML 3Page - Molex Electronics Ltd. 216571 Datasheet HTML 4Page - Molex Electronics Ltd. 216571 Datasheet HTML 5Page - Molex Electronics Ltd. 216571 Datasheet HTML 6Page - Molex Electronics Ltd. 216571 Datasheet HTML 7Page - Molex Electronics Ltd. 216571 Datasheet HTML 8Page - Molex Electronics Ltd. 216571 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PRODUCT SPECIFICATION
Micro-Fit + Connector System Web Page
TABLE OF CONTENTS
REVISION:
ECM INFORMATION:
TITLE:
MICRO-FIT + WTB PRODCUT SPEC
WIRE TO BOARD CONNECTOR SYSTEM
SHEET No.
D3
EC No:
646943
5 of 23
DATE:
10/12/2020202
2/10/17
DOCUMENT NUMBER:
DOC
TYPE:
DOC
PART:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
2064600000-PS
PS
000
ZIXUAQ
NCSR
NCSR
TEMPLATE FILENAME: 1703070003 REV A
1.0
SCOPE
This Product SPEC covers the Micro-Fit Plus 3.00 mm (.118 inch) centerline (pitch) Wire to Board
connector system with gold and tin plating. Receptacle are terminated with 16 to 30 AWG wire using crimp
technology.
2.0
PRODUCT DESCRIPTION
2.1
DESCRIPTION, SERIES NUMBER, AND LINKS
DESCRIPTION
SERIES
NUMBER
Female Crimp Terminal
206460
Receptacle Housing, Dual Row
206461
TPA
206462
Vertical Header Assembly, Dual Row
206832
Right Angle Header Assembly, Dual Row
212528
Receptacle Housing, Single Row
215759
Vertical Header Assembly, Single Row
216571
Right Angle Header Assembly, Single Row
215760
Header Assembly, Single Row
-Right Angle, Nail,SMT
- Right Angle, Clip, SMT
-Vertical, Nail, SMT
-Vertical, Clip, SMT
218989
Header Assembly, Dual Row
-Right Angle, Nail, SMT
- Right Angle, Clip, SMT
-Vertical, Nail, SMT
-Vertical, Clip, SMT
- Right Angle, Clip, Through Hole
218216
2.2
DIMENSIONS, MATERIALS, PLATINGS
See the appropriate sales drawings for the information on dimensions, materials, plating and
markings.
2.3
ENVIRONMENTAL CONFORMANCE
To find product compliance information:
a.
Go to molex.com
b.
Enter the part number in the search field.
c.
At the bottom of the page go to “Environmental” to see compliance status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com