Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9805 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 89Page - STMicroelectronics L9805 Datasheet HTML 90Page - STMicroelectronics L9805 Datasheet HTML 91Page - STMicroelectronics L9805 Datasheet HTML 92Page - STMicroelectronics L9805 Datasheet HTML 93Page - STMicroelectronics L9805 Datasheet HTML 94Page - STMicroelectronics L9805 Datasheet HTML 95Page - STMicroelectronics L9805 Datasheet HTML 96Page - STMicroelectronics L9805 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 103 page
background image
93/103
L9805
7 ELECTRICAL CHARACTERISTICS
7.1 ABSOLUTE MAXIMUM RATINGS
This device contains circuitry to protect the inputs
against damage due to high static voltage or elec-
tric fields. Nevertheless, it is recommended that
normal precautions be observed in order to avoid
subjecting this high-impedance circuit to voltage
above those quoted in the Absolute Maximum Rat-
ings. For proper operation, it is recommended that
the input voltage VIN, on the digital pins, be con-
strained within the range:
(GND - 0.3V)
≤ V
IN ≤ (VDD + 0.3V)
To enhance reliability of operation, it is recom-
mended to configure unused I/Os as inputs and to
connect them to an appropriate logic voltage level
such as GND or VDD.
All the voltage in the following tables are refer-
enced to GND.
Table 14. Absolute Maximum Ratings (Voltage Referenced to GND)
Symbol
Ratings
Value
Unit
VBR
VBL
= VB
VB1
Supply Voltage
t = 10m
ISO transients t = 400ms1)
Note 1. ISO transient must not reset the device
0 to 18
0 to 24
0 to 40
V
|AGND - GND|
Max. variations (Ground Line)
50
mV
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Junction Temperature
150
°C
ESD
ESD susceptibility
2000
V
VLV
Input Voltage, low voltage pins
GND - 0.3 to VDD + 0.3
V
VPWM
Pin Voltage, PWMI, PWMO pins
GND - 18 to VB
V
VCAN
Pin Voltage, CAN_H, CAN_L pins
GND - 18 to VB
V
IIN
Input Current (low voltage pins)
-25.....+25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com