Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEK-COM-10BASET Datasheet(PDF) 2 Page - STMicroelectronics

Part # AEK-COM-10BASET
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-10BASET Datasheet(HTML) 2 Page - STMicroelectronics

  AEK-COM-10BASET Datasheet HTML 1Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 2Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 3Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 4Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 5Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 6Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 7Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 8Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
The 10BASE-T1S automotive Ethernet enhances in-vehicle network (IVN) architectures by connecting sensors,
car body and infotainment engine control units (ECUs).
This protocol supports half-duplex and full-duplex communication, allowing either a point-to-point direct
connection between two nodes, or use of a multidrop topology with up-to-eight nodes connected on a single 25 m
bus segment.
The 10BASE-T1S reduces total system cost by using a single pair of wires and a multidrop bus architecture. It
also increases system scalability since several nodes can operate on the same bus line with high data
throughput.
Thanks to the multidrop topology, multiple applications can be implemented on a single cable in zonal
architectures. For example, in the door zone, the window lifter, mirror control, speakers, lock, ultrasonic, ambient
light, and indicator light.
The AEK-COM-10BASET essentially acts as a gateway to interconnect incompatible communication systems,
allowing a vehicle zone sensor/actuator to receive messages in the 10BASE-T1S protocol format even if the zone
components are not able to communicate via Ethernet.
The AEK-COM-10BASET features a PHY-MAC transceiver, which communicates with the MCU via SPI, and a
PHY only transceiver requiring an Ethernet MAC to run in the MCU.
The transceivers support only half-duplex communication. Both are connected to the MCU, one using the MII port
while the other using a SPI channel.
The firmware embedded in the board can manage a software-implemented Ethernet MAC and runs under the
FreeRTOS™ operating system.
The AEK-COM-10BASET is very flexible, allowing several gateway packet conversions to and from 10BASE-T1S,
CAN-FD and SPI. The function can be limited to gateway purposes or can also be extended to decode actuation
commands and forward them to several daughter boards via the available ports. For example, a Power
Distribution Unit (PDU) daughter board containing E-fuses can be controlled via CAN or SPI by decoding
10BASE-T1S frames.
The board features a preloaded demo example. This example involves a loopback test among the two
10BASET1S channels and two CAN channels. The message is sent via CAN sender port, packed in 10BASET1S
sent to the other 10BASET1S channel, and finally unpacked for a CAN receiving port.
The AEK-COM-10BASET also hosts an OpenOCD debugger/programmer, MCU peripheral connectors, wake up,
and reset buttons.
The MCU ADC reference voltage is provided by a stable linear voltage regulator (LDO) embedded in the L5963
IC.
A reverse battery protection circuit has been integrated for higher safety.
AEK-COM-10BASET
DB5406 - Rev 1
page 2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com