Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEK-COM-10BASET Datasheet(PDF) 1 Page - STMicroelectronics

Part # AEK-COM-10BASET
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-10BASET Datasheet(HTML) 1 Page - STMicroelectronics

  AEK-COM-10BASET Datasheet HTML 1Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 2Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 3Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 4Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 5Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 6Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 7Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 8Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•
2x 10BASE-T1S ports:
–
1x port with PHY-MAC transceiver converting from 10BASE-T1S to SPI
–
1x port with PHY transceiver converting from 10BASE-T1S to media-
independent interface (MII)
•
The two transceivers are connected with the main board SPC58EC80E5 MCU
•
The MCU firmware supports both transceivers at the same time allowing them
to work in parallel
•
For the transceiver with PHY, we implement a dedicated Ethernet MAC inside
the MCU firmware
•
The MCU firmware runs under FreeRTOS™ implementation on
SPC58EC80E5
•
10BASE-T1S according to standard protocol:
–
Point-to-point direct connection or multidrop topology with up-to-eight
nodes
–
Up to 10 Mbit/s data is transferred over a single pair of wires
–
Physical layer collision avoidance (PLCA)
–
Carrier sense multiple access/Collision detection (CSMA/CD) media
access control
•
SPSB0813 automotive power management IC (PMIC) with CAN-FD
transceiver
•
JTAG integrated programmer and debugger
•
5 CAN-FD transceivers (including the one integrated in the SPSB0813 PMIC)
•
1 connector for I2C/UART serial communication
•
Wake up and reset buttons
•
2 general-purpose connectors (8 pins each)
•
2 SPI ports
•
One plug connector to plug in an eventual daughter board, a power distribution
unit (PDU)
•
Reverse battery-protection dedicated circuit
•
L5963 integrated DC-DC converter for potential system supply
•
Compact size: 110 mm x 100 mm
•
Included in the AutoDevKit ecosystem
Description
The AEK-COM-10BASET evaluation board is a powerful tool to explore various
vehicle network architectures, leveraging on the new 10BASE-T1S automotive
Ethernet protocol implementation and other on-board legacy automotive interfaces
(CAN, CAN-FD and SPI).
This board merges the innovations brought by the new 10BASE-T1S specification
with the high-performance dual-core SPC58EC80E5 chorus family microcontroller.
The AEK-COM-10BASET perfectly meets the requirements of new megatrends in the
automotive industry, such as personalization, electrification, autonomy, and full
connectivity, which are moving in-vehicle networks away from domain-based
solutions, gravitating towards new zonal architectures.
Product summary
10BASE-T1S
MAC-PHY
evaluation
board
AEK-COM-10BASET
Automotive
dual monolithic
switching
regulator with
LDO and HSD
L5963DN-EHT
Automotive
Power
Management
IC with LIN and
CAN-FD
SPSB0813-TR
32-bit Power
Architecture
MCU for
Automotive
General
Purpose
Applications -
Chorus family
SPC58EC80E5QMC1Y
Application
Automotive gateway/In-
vehicle high speed
network
10BASE-T1S MAC-PHY evaluation board
AEK-COM-10BASET
Data brief
DB5406 - Rev 1 - December 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - AEK-COM-10BASET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
AEK-COM-GNSST31 STMICROELECTRONICS-AEK-COM-GNSST31 Datasheet
941Kb / 7P
GNSS evaluation board based on Teseo-LIV3F for SPC5 microcontrollers
03-Feb-2020
More results

Similar Description - AEK-COM-10BASET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INT5130 ETC1-INT5130 Datasheet
1Mb / 38P
Integrated Powerline MAC/PHY Transceiver
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Analog Devices
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
logo
Microchip Technology
LAN8670 MICROCHIP-LAN8670 Datasheet
575Kb / 30P
10BASE-T1S Ethernet PHY Transceiver Product Brief
logo
Analog Devices
ADIN1100 AD-ADIN1100_V01 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
logo
ON Semiconductor
EVBUM2832 ONSEMI-EVBUM2832 Datasheet
848Kb / 7P
NCN26010XMNEVB 10BASE-T1S MACPHY Evaluation Board
May, 2022 - Rev. 1
EVBUM2833 ONSEMI-EVBUM2833 Datasheet
839Kb / 11P
NCN26010XMNEVK 10BASE-T1S SPE Evaluation Kit
May, 2022 - Rev. 1
logo
TEKTRONIX, INC.
10BASE-T1S TEKTRONIX-10BASE-T1S Datasheet
11Mb / 9P
10BASE-T1S Automotive Ethernet Compliance Test Solution
5 Nov 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com