Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE49SR Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE49SR
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SR Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE49SR Datasheet HTML 20Page - Infineon Technologies AG TLE49SR Datasheet HTML 21Page - Infineon Technologies AG TLE49SR Datasheet HTML 22Page - Infineon Technologies AG TLE49SR Datasheet HTML 23Page - Infineon Technologies AG TLE49SR Datasheet HTML 24Page - Infineon Technologies AG TLE49SR Datasheet HTML 25Page - Infineon Technologies AG TLE49SR Datasheet HTML 26Page - Infineon Technologies AG TLE49SR Datasheet HTML 27Page - Infineon Technologies AG TLE49SR Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
The following pause pulse modes are available:
•
no additional pause pulse
•
additional pause pulse of minimum 12 UT generated to guarantee minimum firmware execution time between
two protocol frames
•
additional pause pulse of minimum 12 UT generated for an overall fixed frame length of 312 UT for all frame
formats
5.2.3
SPC Interface
The sensor supports a SPC (Short PWM Code) interface according to version 1.0 with additional enhancements.
 
SPC interface description
The Short PWM Code (SPC) is a synchronized data transmission based on the SENT protocol (Single Edge Nibble
Transmission) defined by SAE J2716. As opposed to SENT, which implies a continuous transmission of data, the SPC
protocol transmits data only after receiving a specific trigger pulse from the microcontroller. The required length of
the trigger pulse depends on the sensor number, which is configurable. SPC allows the operation of up to four sensors
on one bus line.
For the SPC interface the push-pull setting with controlled slopes is used (the push-pull mode is only active during the
slope controlled mode). In this configuration, the sensor has controlled rising and falling slopes. Between the slope
controlled transitions the HIGH level is maintained by the external pull-up resistor. Once the SPC protocol telegram is
sent, the sensor goes in to receiving mode (OUT Pin in Tri-sate mode) and waits until a valid trigger signal is received.
The sensor is available for the next sample after the falling edge of the end pulse. The sensor’s sampling time is at the
beginning of the synchronization period, i.e. when a correct trigger is received.
As in SENT, the time between two consecutive falling edges defines the value of a 4-bit nibble representing numbers
between 0 and 15. The transmission time therefore depends on the transmitted data values. All values are defined
using a unit time frame concept.
 
SPC frame
The protocol consists of the following nibbles:
•
A trigger pulse from the master (microcontroller), which initiates the data transmission
•
A synchronization period of 56 UT
•
A status nibble of 12-27 UT, with optional short serial message transmission
•
3 or 4 data nibbles of 12-27 UT, transmitting the angle value or the angle speed (configurable in EEPROM)
•
Optional 2 temperature nibbles of 12-27 UT each (configurable in EEPROM)
•
Optional 1 nibble (4 bit) rolling counter of 12-27 UT
•
A CRC nibble of 12-27 UT (configurable in EEPROM)
•
An end pulse to terminate the SPC transmission (12 UT)
Synchronisation
Frame
Trigger Nibble
µC Activity
Sensor Activity
90 UT
56 UT
12 … 27 UT
12 … 27 UT
12 … 27 UT
12 … 27 UT
12 … 27 UT
12 UT
Status Nibble
Data Nibble 1
Data Nibble 3
Data Nibble 2
CRC
End
pulse
Figure 13
SPC frame with 3 data nibbles
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
24
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com