Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE49SR Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE49SR
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SR Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE49SR Datasheet HTML 7Page - Infineon Technologies AG TLE49SR Datasheet HTML 8Page - Infineon Technologies AG TLE49SR Datasheet HTML 9Page - Infineon Technologies AG TLE49SR Datasheet HTML 10Page - Infineon Technologies AG TLE49SR Datasheet HTML 11Page - Infineon Technologies AG TLE49SR Datasheet HTML 12Page - Infineon Technologies AG TLE49SR Datasheet HTML 13Page - Infineon Technologies AG TLE49SR Datasheet HTML 14Page - Infineon Technologies AG TLE49SR Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Protocol output
tdelay
Sensor
Interface
tlatency
Data
Transmission
Angle Computation
Protocol Setup
Data Filtering
Trigger
tdelay
Data
Transmission
Angle Computation
Protocol Setup
Data Filtering
1/fPWM
tangle
Sampling of raw angle values
tangle
Figure 4
PWM interface timing overview
 
SENT interface timing
The following figure shows the SENT interface timing overview. The raw data is continuously filtered and sampled
with the falling edge of the SYNC nibble, where the angle calculation starts and the output protocol is generated. After
finishing the angle calculation, the value is transmitted within the same SENT frame. In this way, a constant delay of
the angle data is achieved. 
Protocol output
Sensor
tlatency
Data
Transmission
Angle Computation
Protocol Setup
Data Filtering
Angle Computation
Protocol Setup
Data Filtering
Sync
Interface
Data
Transmission
Sync
Sampling of raw
angle values
Sampling of raw
angle values
Protocol output
tIIR + tnotch
tIIR + tnotch
tlatency
Figure 5
SENT interface timing overview 
 
SPC interface timing
The following figure shows the interface timing overview starting with the trigger event of the SPC interface. The raw
data is continuously filtered based on the configured filter characteristic. This data is sampled with the falling edge of
the synchronization pulse after a valid SPC trigger is received. The falling edge of the synchronization pulse also starts
the angle calculation using the CORDIC algorithm and the setup of the remaining protocol, which is send out after the
synchronization pulse within the same SPC frame. In this way, a constant delay of the angle data in respect to the
trigger event is achieved.
TLE49SR
Datasheet
4 Product features
Datasheet
11
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com