Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5424 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5424
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5424 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5424 Datasheet HTML 1Page - Monolithic Power Systems MP5424 Datasheet HTML 2Page - Monolithic Power Systems MP5424 Datasheet HTML 3Page - Monolithic Power Systems MP5424 Datasheet HTML 4Page - Monolithic Power Systems MP5424 Datasheet HTML 5Page - Monolithic Power Systems MP5424 Datasheet HTML 6Page - Monolithic Power Systems MP5424 Datasheet HTML 7Page - Monolithic Power Systems MP5424 Datasheet HTML 8Page - Monolithic Power Systems MP5424 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
2
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION
MP5424
VIN1
GND1
PWRON
SCL
SW1
FB1
LSWI
LSWO
/EN1
OUT2
VIN1 = 2.7V
to 5.5V
VOUT1 =
1.05V
C1
22µF
L1
C6
22µF x 2
1µH
SW2
FB2
L2
C7
22µF x 2
1.5µH
SW3
FB3
L3
C8
22µF x 2
SW4
FB4
L4
C9
22µF x 2
VIN2
GND2
C2
22µF
VIN3
C3
22µF
VIN4
C4
22µF
VOUT
3.3V/
5V
10µF
C10
10µF
C15
VIN5
2.2µF
C14
OUT5
3.3V
2.2µF
C13
OUT4
3.3V
RSTO
AVIN
C5
0.1µF
AGND
SDA
VOUT2 =
1.0375V
VOUT3 =
1.05V
VOUT4 =
1.35V
1µH
1.5µH
R1
100k
3.3V
VIN5 = 5V
R2
.
10µF
C11
2.2µF
C12
1.8V
MTP-EFUSE SELECTED TABLE BY DEFAULT (MP5424GRM-0000)
MTP Items
Buck 1
Buck 2
Buck 3
Buck 4
LSWO (2)
LDO 2
LDO 4
LDO 5
Output voltage
1.05V
1.0375V
1.05V
1.35V
3.3V/5V
1.8V
3.3V
3.3V
Initial on/off
On
On
On
On
On
On
On
On
Mode
FPWM
FPWM
FPWM
FPWM
N/A
Start-up delay
1.5ms
1ms
1.5ms
0.5ms
2ms
0ms
5ms
5.5ms
Soft-start time (tSS)
300μs
300μs
300μs
300μs
N/A
Switching frequency (fSW)
1.1MHz
PWRON MODE
0 (level trigger)
RSTODELAY
50ms
Buck 1 peak current limit
7.6A
Buck 2 peak current limit
3.9A
Buck 3 peak current limit
7.6A
Buck 4 peak current limit
3.9A
I2C slave address
0x69
MTP configuration code
0000
Note:
2) The load switch supply is on the LSWI pin. The supply voltage range is between 2.7V and 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com