Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5424 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5424
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5424 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5424 Datasheet HTML 9Page - Monolithic Power Systems MP5424 Datasheet HTML 10Page - Monolithic Power Systems MP5424 Datasheet HTML 11Page - Monolithic Power Systems MP5424 Datasheet HTML 12Page - Monolithic Power Systems MP5424 Datasheet HTML 13Page - Monolithic Power Systems MP5424 Datasheet HTML 14Page - Monolithic Power Systems MP5424 Datasheet HTML 15Page - Monolithic Power Systems MP5424 Datasheet HTML 16Page - Monolithic Power Systems MP5424 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
13
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board, VIN = 5V, TA = 25°C, tested using
default spec parts, unless otherwise noted.
Steady State
All buck rails, no load
Steady State
All buck rails, full load
CH1: VSW1
5V/div.
CH2: VSW2
5V/div.
CH3: VSW3
5V/div.
CH4: VSW4
5V/div.
CH1: VSW1
5V/div.
CH2: VSW2
5V/div.
CH3: VSW3
5V/div.
CH4: VSW4
5V/div.
1
μs/div.
1
μs/div.
Start-Up through PWRON
All buck rails, no load
Start-Up through PWRON
All LDO rails, no load, VLSWI = 3.3V
Ref: VPWRON
5V/div.
CH1: Buck 1
1V/div.
CH2: Buck 2
1V/div.
CH3: Buck 3
1V/div.
CH4: Buck 4
2V/div.
Ref: VPWRON
5V/div.
CH1: VLSWO
5V/div.
CH2: LDO 2
2V/div.
CH3: LDO 4
5V/div.
CH4: LDO 5
5V/div.
1ms/div.
2ms/div.
Shutdown through PWRON
All buck rails without load
Shutdown through PWRON
All LDO rails, no load, VLSWI = 3.3V, all buck
rails disabled
Ref: VPWRON
5V/div.
CH1: Buck 1
1V/div.
CH2: Buck 2
1V/div.
CH3: Buck 3
1V/div.
CH4: Buck 4
2V/div.
Ref: VPWRON
5V/div.
CH1: VLSWO
5V/div.
CH2: LDO 2
2V/div.
CH3: LDO 4
5V/div.
CH4: LDO 5
5V/div.
1ms/div.
2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com