Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09279V Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY7C09279V
Description  3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09279V Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C09279V Datasheet HTML 11Page - Cypress Semiconductor CY7C09279V Datasheet HTML 12Page - Cypress Semiconductor CY7C09279V Datasheet HTML 13Page - Cypress Semiconductor CY7C09279V Datasheet HTML 14Page - Cypress Semiconductor CY7C09279V Datasheet HTML 15Page - Cypress Semiconductor CY7C09279V Datasheet HTML 16Page - Cypress Semiconductor CY7C09279V Datasheet HTML 17Page - Cypress Semiconductor CY7C09279V Datasheet HTML 18Page - Cypress Semiconductor CY7C09279V Datasheet HTML 19Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
CY7C09269V/79V/89V
CY7C09369V/79V/89V
Document #: 38-06056 Rev. *B
Page 15 of 19
Notes:
35. “X” = “Don’t Care”, “H” = VIH, “L” = VIL.
36. ADS, CNTEN, CNTRST = “Don’t Care”.
37. OE is an asynchronous input signal.
38. When CE changes state In the pipelined mode, deselection and read happen in the following clock cycle.
39. CE0 and OE = VIL; CE1 and R/W = VIH.
40. Data shown for flow-through mode; pipelined mode output will be delayed by one cycle.
41. Counter operation is independent of CE0 and CE1.
Read/Write and Enable Operation[35, 36, 37]
Inputs
Outputs
OE
CLK
CE0
CE1
R/W
I/O0–I/O17
Operation
X
H
X
X
High-Z
Deselected[38]
X
X
L
X
High-Z
Deselected[38]
X
L
H
L
DIN
Write
L
L
H
H
DOUT
Read[35]
H
X
L
H
X
High-Z
Outputs Disabled
Address Counter Control Operation[35, 39, 40, 41]
Address
Previous
Address
CLK
ADS
CNTEN CNTRST
I/O
Mode
Operation
X
X
X
X
L
Dout(0)
Reset
Counter Reset to Address 0
An
X
L
X
H
Dout(n)
Load
Address Load into Counter
X
An
H
H
H
Dout(n)
Hold
External Address Blocked—Counter
Disabled
X
An
H
L
H
Dout(n+1)
Increment
Counter Enabled—Internal Address
Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com