Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60403DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60403DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60403DBVT Datasheet HTML 2Page - Texas Instruments TPS60403DBVT Datasheet HTML 3Page - Texas Instruments TPS60403DBVT Datasheet HTML 4Page - Texas Instruments TPS60403DBVT Datasheet HTML 5Page - Texas Instruments TPS60403DBVT Datasheet HTML 6Page - Texas Instruments TPS60403DBVT Datasheet HTML 7Page - Texas Instruments TPS60403DBVT Datasheet HTML 8Page - Texas Instruments TPS60403DBVT Datasheet HTML 9Page - Texas Instruments TPS60403DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Table 7-1. Table of Graphs (continued)
FIGURE
fOSC
Oscillator frequency
vs Temperature at VI = 1.8 V, 2.5 V, 3.3 V, 5 V
TPS60400, TPS60401, TPS60402, TPS60403
Figure 7-15,
Figure 7-16,
Figure 7-17,
Figure 7-18
fOSC
Oscillator frequency
vs Output current
TPS60400 at 2 V, 3.3 V, 5.0 V
Figure 7-19
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
70
80
90 100
TPS60400
VI = 5 V
TPS60401
VI = 5 V
TPS60400
VI = 3.3 V
TPS60401
VI = 3.3 V
TA = 25°C
IO – Output Current – mA
Figure 7-1. Efficiency vs Output Current
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
70
80
90 100
TPS60403
VI = 5 V
TPS60402
VI = 5 V
TPS60402
VI = 3.3 V
TPS60403
VI = 3.3 V
TA = 25°C
IO – Output Current – mA
Figure 7-2. Efficiency vs Output Current
0.1
1
10
100
0.1
1
10
100
TPS60400
VI = 5 V
TPS60401
VI = 5 V
TPS60401
VI = 2 V
TPS60400
VI = 2 V
TA = 25°C
IO – Output Current – mA
Figure 7-3. Input Current vs Output Current
0.1
1
10
100
0.1
1
10
100
TPS60403
VI = 5 V
TPS60403
VI = 2 V
TPS60402
VI = 5 V
TPS60402
VI = 2 V
TA = 25°C
IO – Output Current – mA
Figure 7-4. Input Current vs Output Current
0
0.2
0.4
0.6
0
1
2
3
4
5
IO = 0 mA
TA = 25°C
VI – Input Voltage – V
TPS60401
TPS60400
Figure 7-5. Supply Current vs Input Voltage
0
0.2
0.4
0.6
0
1
2
3
4
5
IO = 0 mA
TA = 25°C
VI – Input Voltage – V
TPS60402
TPS60403
Figure 7-6. Supply Current vs Input Voltage
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com