Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60403DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60403DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS60403DBVT Datasheet HTML 8Page - Texas Instruments TPS60403DBVT Datasheet HTML 9Page - Texas Instruments TPS60403DBVT Datasheet HTML 10Page - Texas Instruments TPS60403DBVT Datasheet HTML 11Page - Texas Instruments TPS60403DBVT Datasheet HTML 12Page - Texas Instruments TPS60403DBVT Datasheet HTML 13Page - Texas Instruments TPS60403DBVT Datasheet HTML 14Page - Texas Instruments TPS60403DBVT Datasheet HTML 15Page - Texas Instruments TPS60403DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
8.4 Device Functional Modes
8.4.1 Active-Schottky Diode
For a short period of time, when the input voltage is applied, but the inverter is not yet working, the output
capacitor is charged positive by the load. To prevent the output being pulled above GND, a Schottky diode must
be added in parallel to the output. The function of this diode is integrated into the TPS6040x devices, which
gives a defined startup performance and saves board space.
A current sink and a diode in series can approximate the behavior of a typical, modern operational amplifier.
Figure 8-2 shows the current into this typical load at a given voltage. The TPS6040x devices are optimized to
start into these loads.
TPS60400
C1-
C1+
5
3
OUT
IN
GND
1
2
4
CI
1 µF
CO
1 µF
C(fly)
1 µF
Typical
Load
IO
VO (-VI)
+V
-V
VI
GND
Figure 8-2. Typical Load
60 mA
25 mA
0.4 V 1.25 V
5 V
Load Current
Voltage at the Load
0.4 V
Figure 8-3. Maximum Start-Up Current
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com