Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY27EE16FZXECT Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY27EE16FZXECT
Description  1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27EE16FZXECT Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY27EE16FZXECT Datasheet HTML 8Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 9Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 10Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 11Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 12Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 13Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 14Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 15Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CY27EE16ZE
Document #: 38-07440 Rev. *C
Page 12 of 17
Serial Programming Interface Timing
Thermal Land Pad on PWB: Layout
Requirement for 20-lead Exposed Pad TSSOP
In order to achieve power dissipation and maintain junction
temperature within specified limits there must be an exposed
landing pad placed under the package, and the exposed pad
on the bottom of the package must be soldered to this landing
pad. This is typically achieved by placing a dense array of
thermal via that connects the landing pad to the ground plane.
In order to meet the power dissipation specification of 40 °C/W,
Amkor soldered the exposed pad to a thermal land pad, and
placed thermal via on a 1.2-mm pitch (x and y) in the thermal
land pad. For more information about this package, see,
“Application Notes for Surface Mount Assembly of Amkor’s
Thermally/Electrically
Enhanced
Leadframe
Based
Packages.” Amkor Technology, December 2001.
Figure 6. Start and Stop Frame
Figure 7. Frame Format (Device Address, R/W, Register Address, Register Data)
SDAT
SCLK
START
Transition
to next Bit
STOP
SDAT
SCLK
DA6
DA5 DA0
R/W
ACK
RA7
RA6 RA1
RA0
ACK
STOP
START
ACK
D7
D6
D1
D0
++
+
+
+
+
Table 14.Pullable Crystal Specifications
Parameter
Description
Min.
Typ.
Max.
Unit
CRYSTALLoad
Load Capacitance
14
pF
C0/C1
240
ESR
35
W
To
Operating Temperature (Commercial)
0
70
°C
To
Operating Temperature (Industrial)
–40
85
°C
Accinit
Initial Accuracy
±30
ppm
Stability
Temperature plus Aging Stability
±80
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com