Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY27EE16FZXECT Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY27EE16FZXECT
Description  1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27EE16FZXECT Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY27EE16FZXECT Datasheet HTML 9Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 10Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 11Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 12Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 13Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 14Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 15Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 16Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
CY27EE16ZE
Document #: 38-07440 Rev. *C
Page 15 of 17
Voltage and Timing Definitions
Ordering Information
Figure 8. Duty Cycle Definition; DC = t2/t1
Figure 9. Rise and Fall Time Definitions: ER = 0.6 x VDD / t3, EF = 0.6 x VDD / t4
Ordering Code
Programmed At
Package Type
Operating
Range
Operating
Voltage
CY27EE16ZEC-XXX[7]
Factory
Programmed
20-pin Exposed Pad TSSOP
Commercial
3.3V
CY27EE16ZEC-XXXT[7]
Factory
Programmed
20-pin Exposed Pad TSSOP – Tape and Reel
Commercial
3.3V
CY27EE16ZEI-XXX[7]
Factory
Programmed
20-pin Exposed Pad TSSOP
Industrial
3.3V
CY27EE16ZEI-XXXT[7]
Factory
Programmed
20-pin Exposed Pad TSSOP – Tape and Reel
Industrial
3.3V
CY27EE16FZEC
Field
Programmed
20-pin Exposed Pad TSSOP
Commercial
3.3V
CY27EE16FZECT
Field
Programmed
20-pin Exposed Pad TSSOP – Tape and Reel
Commercial
3.3V
CY27EE16FZEI
Field
Programmed
20-pin Exposed Pad TSSOP
Industrial
3.3V
CY27EE16FZEIT
Field
Programmed
20-pin Exposed Pad TSSOP –Tape and Reel
Industrial
3.3V
Lead-Free
CY27EE16FZXEC
Field
Programmed
20-pin Exposed Pad TSSOP
Commercial
3.3V
CY27EE16FZXECT
Field
Programmed
20-pin Exposed Pad TSSOP – Tape and Reel
Commercial
3.3V
Note:
7. The CY27EE16ZEC-XXX, CY27EE16ZEC-XXXT, CY27EE16ZEI-XXX and CY27EE16ZEI-XXXT are factory-programmed configurations. Factory program-
ming is available for high-volume design opportunities of 100Ku/year or more in production. For more details, contact your local Cypress field application
engineer or Cypress sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com