Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28316PVC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28316PVC
Description  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28316PVC Datasheet HTML 1Page - Cypress Semiconductor CY28316PVC Datasheet HTML 2Page - Cypress Semiconductor CY28316PVC Datasheet HTML 3Page - Cypress Semiconductor CY28316PVC Datasheet HTML 4Page - Cypress Semiconductor CY28316PVC Datasheet HTML 5Page - Cypress Semiconductor CY28316PVC Datasheet HTML 6Page - Cypress Semiconductor CY28316PVC Datasheet HTML 7Page - Cypress Semiconductor CY28316PVC Datasheet HTML 8Page - Cypress Semiconductor CY28316PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY28316
Document #: 38-07125 Rev. *B
Page 5 of 18
CY28316 Serial Configuration Map
1. The serial bits will be read by the clock driver in the following
order:
Byte 0 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte N – Bits 7, 6, 5, 4, 3, 2, 1, 0
2. All unused register bits (reserved and N/A) should be writ-
ten to a “0” level.
3. All register bits labeled “Write with 1" must be written to “1”
during initialization.
Byte 0: Control Register 0
Bit
Pin#
Name
Default
Description
Bit 7
Spread Select1
0
See definition in Bit[0].
Bit 6
SEL2
0
See Table 5.
Bit 5
SEL1
0
See Table 5.
Bit 4
SEL0
0
See Table 5.
Bit 3
FS_Override
0
0 = Select operating frequency by FS[4:0] input pins.
1 = Select operating frequency by SEL[4:0] settings.
Bit 2
SEL4
0
See Table 5.
Bit 1
SEL3
0
See Table 5.
Bit 0
Spread Select0
0
‘00’ = OFF.
‘01’ = – 0.5%.
‘10’ = ± 0.5%.
‘11’ = ± 0.25%.
Byte 1: Control Register 1
Bit
Pin#
Name
Default
Description
Bit 7
6
Latched FS4 input
X
Latched FS[4:0] inputs. These bits are read-only.
Bit 6
7
Latched FS3 input
X
Bit 5
46
Latched FS2 input
X
Bit 4
25
Latched FS1 input
X
Bit 3
26
Latched FS0 input
X
Bit 2
44
CPU0
1
(Active/Inactive).
Bit 1
43
CPU1
1
(Active/Inactive).
Bit 0
Vendor Test Mode
1
Write with ‘1.’
Byte 2: Control Register 2
Bit
Pin#
Name
Default
Description
Bit 7
40
SDRAM12
1
(Active/Inactive).
Bit 6
6
PCI0
1
(Active/Inactive).
Bit 5
13
PCI6
1
(Active/Inactive).
Bit 4
12
PCI5
1
(Active/Inactive).
Bit 3
11
PCI4
1
(Active/Inactive).
Bit 2
10
PCI3
1
(Active/Inactive).
Bit 1
9
PCI2
1
(Active/Inactive).
Bit 0
7
PCI1
1
(Active/Inactive).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com