Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28316PVC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28316PVC
Description  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28316PVC Datasheet HTML 3Page - Cypress Semiconductor CY28316PVC Datasheet HTML 4Page - Cypress Semiconductor CY28316PVC Datasheet HTML 5Page - Cypress Semiconductor CY28316PVC Datasheet HTML 6Page - Cypress Semiconductor CY28316PVC Datasheet HTML 7Page - Cypress Semiconductor CY28316PVC Datasheet HTML 8Page - Cypress Semiconductor CY28316PVC Datasheet HTML 9Page - Cypress Semiconductor CY28316PVC Datasheet HTML 10Page - Cypress Semiconductor CY28316PVC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY28316
Document #: 38-07125 Rev. *B
Page 7 of 18
Byte 7: Control Register 7
Bit
Pin#
Name
Default
Pin Description
Bit 7
Reserved
0
Reserved.
Bit 6
25
24_48MHz_DRV
1
0 = Norm, 1 = High Drive.
Bit 5
26
48MHz_DRV
1
0 = Norm, 1 = High Drive.
Bit 4
Reserved
0
Reserved.
Bit 3
Reserved
0
Reserved.
Bit 2
Reserved
0
Reserved.
Bit 1
Reserved
0
Reserved.
Bit 0
Reserved
0
Reserved.
Byte 8: Vendor ID and Revision ID Register (Read Only)
Bit
Name
Default
Pin Description
Bit 7
Revision_ID3
0
Revision ID bit[3].
Bit 6
Revision_ID2
0
Revision ID bit[2].
Bit 5
Revision_ID1
0
Revision ID bit[1].
Bit 4
Revision_ID0
0
Revision ID bit[0].
Bit 3
Vendor_ID3
1
Bit[3] of Cypress’s Vendor ID. This bit is read-only.
Bit 2
Vendor_ID2
0
Bit[2] of Cypress’s Vendor ID. This bit is read-only.
Bit 1
Vendor _ID1
0
Bit[1] of Cypress’s Vendor ID. This bit is read-only.
Bit 0
Vendor _ID0
0
Bit[0] of Cypress’s Vendor ID. This bit is read-only.
Byte 9: System RESET and Watchdog Timer Register
Bit
Name
Default
Pin Description
Bit 7
SDRAM_DRV
0
SDRAM clock output drive strength.
0 = Normal.
1 = High Drive.
Bit 6
PCI_DRV
0
PCI clock output drive strength.
0 = Normal.
1 = High Drive.
Bit 5
Reserved
0
Reserved
Bit 4
RST_EN_WD
0
This bit will enable the generation of a Reset pulse when a Watchdog Timer
time-out occurs.
0 = Disabled.
1 = Enabled.
Bit 3
RST_EN_FC
0
This bit will enable the generation of a Reset pulse after a frequency change
occurs.
0 = Disabled.
1 = Enabled.
Bit 2
WD_TO_STATUS
0
Watchdog Timer Time-out Status bit.
0 = No time-out occurs (Read); Ignore (Write).
1 = Time-out occurred (Read); Clear WD_TO_STATUS (Write).
Bit 1
WD_EN
0
0 = Stop and reload Watchdog Timer. Unlock CY28316 from recovery frequency
mode.
1 = Enable Watchdog Timer. It will start counting down after a frequency change
occurs.
Note: CY28316 will generate a system Reset, reload a recovery frequency, and
lock itself into a recovery frequency mode after a Watchdog Timer time-out
occurs. Under recovery frequency mode, CY28316 will not respond to any
attempt to change output frequency via the SMBus control bytes. System
software can unlock CY28316 from its recovery frequency mode by clearing the
WD_EN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com