Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7609SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM7609SC
Description  ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM7609SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM7609SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3 - 148
3.3
OM7608SC - OM7610SC
ELECTRICAL CHARACTERISTICS: -12 VOLT OUTPUT (OM7609SC)TJ = -55 C to + 125 C
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOUT
TJ = 25°C, VIN = 15 V, IO = 10 mA
-11.76
-12.00
-12.24
V
15 V VIN 35 V, 5 mA IO 3 A; P 25 W
-11.66
-12.06
-12.33
Line Regulation (Note 1)
15 V VIN 35 V, TJ = 25°C
-
10
60
mV
Load Regulation (Note 1)
5 mA IO 3.0 A, TJ = 25°C
-
40
90
mV
Thermal Regulation
TA = 25°C, 20 mS Pulse
-
.002
.02
%/W
Ripple Rejection
f = 120 Hz; VOUT = 12 V
-
66
-
dB
Miminum Load Current
VIN = 35 V
-
-
15
mA
Current Limit
VIN = -20 V
3
4.3
-
A
Temperature Stability
-55°C T +150°C
-
-
2.0
%
RMS Output Noise (% of VOUT)TA = 25°C, 10 Hz f 10 kHz
-
.005
-
%
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately.
Pulse testing with low duty cycle is used.
ELECTRICAL CHARACTERISTICS: -5 VOLT OUTPUT (OM7608SC)TJ = -55 C to + 125 C
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOUT
TJ = 25°C, VIN = 10 V, IO = 5.0 mA
-4.90
-5.00
-5.10
V
8.0 V VIN 35 V, 5 mA IO 3 A; P 25 W
-4.86
-5.00
-5.14
Line Regulation (Note 1)
8.0 V VIN 35 V, TJ = 25°C
-
10
25
mV
Load Regulation (Note 1)
5.0 mA IO 3.0 A, TJ = 25°C
-
20
75
mV
Thermal Regulation
TA = 25°C, 20 mS Pulse
-
.002
.01
%/W
Ripple Rejection
f = 120 Hz; VOUT = 5.0 V
-
66
-
dB
Miminum Load Current
VIN = 35 V
-
-
15
mA
Current Limit
VIN = -13 V
3
4.3
-
A
Temperature Stability
-55°C T +150°C
-
-
2.0
%
RMS Output Noise (% of VOUT)TA = 25°C, 10 Hz f 10 kHz
-
.005
-
%
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately.
Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com