Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7609SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM7609SC
Description  ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM7609SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM7609SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 147
3.3
Three Terminal, Fixed Voltage, 3.0 Amp
Precision Negative Regulators In Hermetic
JEDEC TO-258AA Package
4 11 R3
Supersedes 1 07 R2
ISOLATED HERMETIC TO-258AA FIXED
VOLTAGE REGULATORS
FEATURES
• Isolated Hermetic Package, JEDEC TO-258AA Outline
• Ouput Voltages: -5V, -12V And -15V
• Output Voltages Set Internally To ±2% (±1% Available)
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Product Is Available Screened To MIL-STD-883
DESCRIPTION
These three terminal negative regulators are supplied in a hermetically sealed metal
package whose outline is similar to the industry standard TO-247 plastic package. All
protective features are designed into the circuit, including thermal shutdown, current
limiting and safe-area control. With heat sinking, they can deliver over 3.0 amps of
output current. These units feature ±2% initial voltage tolerance with ±1% available
on request.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input Voltage ................................................................... -35V
Operating Junction Temperature Range............................. -55°C to +150°C
Storage Temperature Range ......................................... -65° to +150°C
Typical Power/Thermal Characteristics:
Rated Power @ 25°C
TC ........................................................................ 25W
TA ......................................................................... 3W
Thermal Resistance
qJC ................................................................... 3.5°C/W
qJA..................................................................... 42°C/W
Note: For ±1% device. add letter “A” in front of part number (e.g. OMA 7608SC).
OM7610SC
OM7608SC
OM7609SC


Similar Part No. - OM7609SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM7600/BGA2001/900 PHILIPS-OM7600/BGA2001/900 Datasheet
94Kb / 12P
Silicon MMIC amplifier
1999 Aug 11
logo
List of Unclassifed Man...
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7602ST ETC-OM7602ST Datasheet
35Kb / 4P
ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7603NT ETC2-OM7603NT Datasheet
38Kb / 4P
Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
logo
International Rectifier
OM7603SM IRF-OM7603SM Datasheet
30Kb / 2P
Three Terminal, Adjustable Voltage, 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package
More results

Similar Description - OM7609SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7800IH IRF-OM7800IH Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7662 ETC-OM7662 Datasheet
33Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7611ST ETC-OM7611ST Datasheet
52Kb / 4P
ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM7900IH ETC1-OM7900IH Datasheet
57Kb / 5P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE NEGATIVE REGULATORS
OM1815STM ETC2-OM1815STM Datasheet
34Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
OM1905STM ETC2-OM1905STM Datasheet
35Kb / 4P
ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM7662SC IRF-OM7662SC_15 Datasheet
40Kb / 4P
Isolated Hermetic Package. JEDEC TO-258AA Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com