Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC8976AX Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDC8976AX
Description  80V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC8976AX Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDC8976AX Datasheet HTML 1Page - Potens Semiconductor Corp. PDC8976AX Datasheet HTML 2Page - Potens Semiconductor Corp. PDC8976AX Datasheet HTML 3Page - Potens Semiconductor Corp. PDC8976AX Datasheet HTML 4Page - Potens Semiconductor Corp. PDC8976AX Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
5
PDC8976AX
80V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
1.200
0.850
0.047
0.031
b
0.510
0.300
0.020
0.012
C
0.300
0.200
0.012
0.008
D1
5.400
4.800
0.212
0.189
D2
4.310
3.610
0.170
0.142
E
6.300
5.850
0.248
0.230
E1
5.960
5.450
0.235
0.215
E2
3.920
3.300
0.154
0.130
e
1.27BSC
0.05BSC
H
0.650
0.380
0.026
0.015
K
---
1.100
---
0.043
L
0.710
0.380
0.028
0.015
L1
0.250
0.050
0.009
0.002
θ
12°
0°
12°
0°
PPAK5x6 PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com