Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB506CFS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BB506CFS
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB506CFS Datasheet(HTML) 7 Page - Renesas Technology Corp

  BB506CFS Datasheet HTML 1Page - Renesas Technology Corp BB506CFS Datasheet HTML 2Page - Renesas Technology Corp BB506CFS Datasheet HTML 3Page - Renesas Technology Corp BB506CFS Datasheet HTML 4Page - Renesas Technology Corp BB506CFS Datasheet HTML 5Page - Renesas Technology Corp BB506CFS Datasheet HTML 6Page - Renesas Technology Corp BB506CFS Datasheet HTML 7Page - Renesas Technology Corp BB506CFS Datasheet HTML 8Page - Renesas Technology Corp BB506CFS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BB506C
Rev.1.00
Jun. 27, 2005,
page 7 of 8
S parameter
(VDS = 5 V, VG1 = 5 V, VG2S = 4 V, RG = 100 k
Ω, Zo = 50 Ω)
S11
S21
S12
S22
Freq
(MHz)
Mag
Deg
Mag
Deg
Mag
Deg
Mag
Deg
50
0.995
-3.3
3.28
177.9
0.001
17.6
0.991
-1.8
100
0.991
-6.2
3.26
175.5
0.001
75.6
0.996
-3.6
150
0.992
-9.3
3.28
173.7
0.002
73.8
0.995
-5.2
200
0.987
-12.4
3.26
171.3
0.002
79.5
0.997
-7.0
250
0.984
-15.5
3.27
170.0
0.004
116.5
0.995
-8.6
300
0.981
-18.6
3.24
167.3
0.003
89.6
0.993
-10.3
350
0.975
-21.7
3.23
165.8
0.004
76.3
0.992
-11.8
400
0.967
-24.8
3.24
163.3
0.004
87.0
0.989
-13.9
450
0.964
-27.9
3.22
161.9
0.004
91.9
0.991
-15.5
500
0.958
-30.8
3.22
159.4
0.006
89.0
0.987
-17.0
550
0.951
-33.9
3.22
157.9
0.006
100.4
0.988
-18.9
600
0.939
-37.0
3.20
155.4
0.004
84.2
0.985
-20.4
650
0.933
-40.3
3.20
154.1
0.004
85.4
0.984
-22.2
700
0.922
-43.5
3.20
150.7
0.007
80.4
0.983
-23.7
750
0.916
-46.5
3.19
150.7
0.007
93.5
0.981
-25.5
800
0.900
-49.6
3.19
146.7
0.006
108.8
0.979
-27.2
850
0.892
-52.8
3.18
146.4
0.005
122.9
0.978
-28.9
900
0.883
-56.2
3.18
142.8
0.005
120.3
0.975
-30.6
950
0.866
-59.2
3.17
142.3
0.006
104.0
0.970
-32.3
1000
0.858
-62.0
3.16
139.8
0.006
121.3
0.970
-33.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com