Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB506CFS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BB506CFS
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB506CFS Datasheet(HTML) 1 Page - Renesas Technology Corp

  BB506CFS Datasheet HTML 1Page - Renesas Technology Corp BB506CFS Datasheet HTML 2Page - Renesas Technology Corp BB506CFS Datasheet HTML 3Page - Renesas Technology Corp BB506CFS Datasheet HTML 4Page - Renesas Technology Corp BB506CFS Datasheet HTML 5Page - Renesas Technology Corp BB506CFS Datasheet HTML 6Page - Renesas Technology Corp BB506CFS Datasheet HTML 7Page - Renesas Technology Corp BB506CFS Datasheet HTML 8Page - Renesas Technology Corp BB506CFS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.1.00
Jun. 27, 2005,
page 1 of 8
BB506C
Built in Biasing Circuit MOS FET IC
UHF RF Amplifier
REJ03G1246-0100
Rev.1.00
Jun. 27, 2005
Features
• Built in Biasing Circuit; To reduce using parts cost & PC board space.
• High gain
PG = 24 dB typ. (f = 900 MHz)
• Low noise
NF = 1.4 dB typ. (f = 900 MHz)
• Low output capacitance
Coss = 1.1 pF typ. (f = 1 MHz)
• Provide mini mold packages: CMPAK-4 (SOT-343mod)
Outline
RENESAS Package code: PTSP0004ZA-A
(Package name: CMPAK-4)
1. Source
2. Gate1
3. Gate2
4. Drain
1
4
3
2
1
4
3
2
Notes:
1.
Marking is “FS-“.
2.
BB506C is individual type number of RENESAS BBFET.
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDS
6
V
Gate1 to source voltage
VG1S
+6
–0
V
Gate2 to source voltage
VG2S
+6
–0
V
Drain current
ID
30
mA
Channel power dissipation
Pch
Note3
250
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 3. Value on the glass epoxy board (50 mm
× 40 mm × 1 mm).


Similar Part No. - BB506CFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB506CFS-TL-E RENESAS-BB506CFS-TL-E Datasheet
105Kb / 9P
Built in Biasing Circuit MOS FET IC
BB506CFS-TL-H RENESAS-BB506CFS-TL-H Datasheet
105Kb / 9P
Built in Biasing Circuit MOS FET IC
More results

Similar Description - BB506CFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB101C RENESAS-BB101C Datasheet
273Kb / 8P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M RENESAS-BB101M Datasheet
274Kb / 8P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB501C RENESAS-BB501C Datasheet
198Kb / 10P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB501M RENESAS-BB501M Datasheet
300Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C Datasheet
118Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M Datasheet
216Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503M RENESAS-BB503M Datasheet
300Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506M RENESAS-BB506M Datasheet
129Kb / 9P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M_11 Datasheet
138Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C_15 Datasheet
185Kb / 10P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com