Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL811ST Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 15Page - Cypress Semiconductor SL811ST Datasheet HTML 16Page - Cypress Semiconductor SL811ST Datasheet HTML 17Page - Cypress Semiconductor SL811ST Datasheet HTML 18Page - Cypress Semiconductor SL811ST Datasheet HTML 19Page - Cypress Semiconductor SL811ST Datasheet HTML 20Page - Cypress Semiconductor SL811ST Datasheet HTML 21Page - Cypress Semiconductor SL811ST Datasheet HTML 22Page - Cypress Semiconductor SL811ST Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 19 of 27
12
NC
NC
NC
13
NC
NC
NC
14
NC
NC
NC
15
VDD1
3.3 VDC
SL811ST Device VDD Power.
16
IN
CLK/X1
12/48 MHz Clock or External Crystal X1 connection.
17
OUT
X2
External Crystal X2 connection.
18
IN
nRST
SL811ST Device active low reset input.
19
OUT
INTRQ
Active High Interrupt Request output to external controller.
20
GND
GND
SL811ST Device Ground.
21
BIDIR
D0
Data 0. Microprocessor Data/(Address) Bus.
22
NC
NC
NC
23
NC
NC
NC
24
NC
NC
NC
25
NC
NC
NC
26
NC
NC
NC
27
BIDIR
D1
Data 1. Microprocessor Data/(Address) Bus.
28
BIDIR
D2
Data 2. Microprocessor Data/(Address) Bus.
29
BIDIR
D3
Data 3. Microprocessor Data/(Address) Bus.
30
GND
GND
SL811ST Device Ground.
31
BIDIR
D4
Data 4. Microprocessor Data/(Address) Bus.
32
BIDIR
D5
Data 5. Microprocessor Data/(Address) Bus.
33
BIDIR
D6
Data 6. Microprocessor Data/(Address) Bus.
34
NC
NC
NC
35
NC
NC
NC
36
NC
NC
NC
37
NC
NC
NC
38
NC
NC
NC
39
BIDIR
D7
Data 7. Microprocessor Data/(Address) Bus.
40
NC
NC
NC.
41
VDD1
3.3 VDC
SL811ST Device VDD Power.
42
IN
A0
A0 = ’0’. Selects Addr. Pointer. Reg. Write Only. Note 1 A0 = ’1’. Selects Data
Buffer or Register.
43
IN
nDACK
DMA Acknowledge. An active low input used to interface to an external DMA
controller.
44
OUT
nDRQ
DMA Request. An active low output used with an external DMA controller. nDRQ
and nDACK form the handshake for DMA data transfers.
45
IN
nRD
Read Strobe Input. An active low input used with nCS to read registers/data
memory.
46
NC
NC
NC
47
NC
NC
NC
48
NC
NC
NC
Pin No.
Pin Type
Pin Name
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com