Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL811ST Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 18Page - Cypress Semiconductor SL811ST Datasheet HTML 19Page - Cypress Semiconductor SL811ST Datasheet HTML 20Page - Cypress Semiconductor SL811ST Datasheet HTML 21Page - Cypress Semiconductor SL811ST Datasheet HTML 22Page - Cypress Semiconductor SL811ST Datasheet HTML 23Page - Cypress Semiconductor SL811ST Datasheet HTML 24Page - Cypress Semiconductor SL811ST Datasheet HTML 25Page - Cypress Semiconductor SL811ST Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 22 of 27
7.5
Bus Interface Timing Requirements
7.5.1
I/O Write Cycle
Note: nCS can be held low for multiple write cycles provided nWR is cycled.
Note:
10. I/O Write Cycle Time in Auto Inc Mode is 150 ns minimum.
Parameter
Description
Min.
Typical
Max.
twr
Write pulse width
65 ns
twcsu
Chip select set-up to nWR
0 ns
twshld
Chip select hold time
0 ns
twasu
A0 address set-up time
65 ns
twahld
A0 address hold time
10 ns
twdsu
Data to write low set-up time
60 ns
twdhld
Data hold time after write high
5 ns
tcscs
nCS inactive to nCS[10] asserted
85 ns[10]
nWR
A0
D0-D7
DATA
twr
twahld
twdhld
twasu
twdsu
twdsu
twdhld
I/O Write Cycle to Register or Memory Buffer
Register or Memory
Address
nCS
twcsu
twshld
Tcscs See Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com