Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244APW Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC244APW
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC244APW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC244APW Datasheet HTML 4Page - Texas Instruments SN74LVC244APW Datasheet HTML 5Page - Texas Instruments SN74LVC244APW Datasheet HTML 6Page - Texas Instruments SN74LVC244APW Datasheet HTML 7Page - Texas Instruments SN74LVC244APW Datasheet HTML 8Page - Texas Instruments SN74LVC244APW Datasheet HTML 9Page - Texas Instruments SN74LVC244APW Datasheet HTML 10Page - Texas Instruments SN74LVC244APW Datasheet HTML 11Page - Texas Instruments SN74LVC244APW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
5.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 6-1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
–40 TO +85°C
–40 TO +125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1.5V
7
14.4
14.9
16.4
ns
1.8V ± 0.15V
5.9
10.4
10.9
12.4
2.5V ± 0.2V
4.2
7.4
7.9
10
2.7V
4.2
6.7
6.9
8.2
3.3V ±0.3V
3.9
5.7
5.9
7.2
ten
OE
Y
1.5V
8.3
17.8
18.3
19.8
ns
1.8V ±0.15V
6.4
12.1
12.6
14.1
2.5V ±0.2V
4.6
9.1
9.6
11.7
2.7V
5
8.4
8.6
10.3
3.3V ±0.3V
4.5
7.4
7.6
9.4
tdis
OE
Y
1.5V
7.2
15.6
16.1
17.6
ns
1.8V ±0.15V
5.8
11.6
12.1
13.6
2.5V ±0.2V
3.7
7.3
7.8
9.9
2.7V
3.8
6.6
6.8
8.6
3.3V ±0.3V
3.8
6.3
6.5
8
tsk(o)
3.3V ±0.3V
1
1.5
ns
5.7 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
Outputs enabled
f = 10MHz
1.8V
43
pF
2.5V
43
3.3V
44
Outputs disabled
f = 10MHz
1.8V
1
2.5V
1
3.3V
2
SN74LVC244A
SCAS414AF – NOVEMBER 1992 – REVISED FEBRUARY 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: SN74LVC244A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com