Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244APW Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC244APW
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC244APW Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC244APW Datasheet HTML 9Page - Texas Instruments SN74LVC244APW Datasheet HTML 10Page - Texas Instruments SN74LVC244APW Datasheet HTML 11Page - Texas Instruments SN74LVC244APW Datasheet HTML 12Page - Texas Instruments SN74LVC244APW Datasheet HTML 13Page - Texas Instruments SN74LVC244APW Datasheet HTML 14Page - Texas Instruments SN74LVC244APW Datasheet HTML 15Page - Texas Instruments SN74LVC244APW Datasheet HTML 16Page - Texas Instruments SN74LVC244APW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
SN74LVC244A is a high drive CMOS device that can be used for a multitude of bus interface type applications
where output drive or PCB trace length is a concern.
8.2 Typical Application
Z0
Rd
1A1
1Y1
System
Controller
1A1
1Y1
Transmitter
Receiver
L > 12 cm
Peripheral
Figure 8-1. Application Schematic
8.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Avoid bus contention because it can drive
currents in excess of maximum limits. The high drive will also create fast edges into light loads, so consider
routing and load conditions to prevent ringing.
8.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
• For rise time and fall time specification, see (Δt/ΔV) in the Recommended Operating Conditions table.
• For specified high and low levels, see (VIH and VIL) in the Recommended Operating Conditions table.
• Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommended maximum Output Conditions:
• Load currents should not exceed (IO max) per output and should not exceed (Continuous current through
VCC or GND) total current for the part. These limits are located in the Absolute Maximum Ratings table.
• Outputs should not be pulled above VCC.
8.2.3 Application Curves
Time (ns)
0
15
30
45
60
75
90
100
-2
0
2
3.3
5
0
22
50
-1
1
4
Figure 8-2. Simulated Signal Integrity at the Receiver With Different Damping Resistor (Rd) Values
www.ti.com
SN74LVC244A
SCAS414AF – NOVEMBER 1992 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74LVC244A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com