Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W232 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W232
Description  Ten Output Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W232 Datasheet(HTML) 4 Page - Cypress Semiconductor

  W232 Datasheet HTML 1Page - Cypress Semiconductor W232 Datasheet HTML 2Page - Cypress Semiconductor W232 Datasheet HTML 3Page - Cypress Semiconductor W232 Datasheet HTML 4Page - Cypress Semiconductor W232 Datasheet HTML 5Page - Cypress Semiconductor W232 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
W232
Document #: 38-07167 Rev. *B
Page 4 of 6
Absolute Maximum Ratings[1]
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any Pin with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
PD
Power Dissipation
0.5
W
DC Electrical Characteristics: TA = 0°C to 70°C, VDD = 3.3V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
Unloaded, 100 MHz
200
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 12 mA
0.8
V
VOH
Output High Voltage
IOH = –12 mA
2.1
V
IIL
Input Low Current
VIN = 0V
50
µA
IIH
Input High Current
VIN = VDD
50
µA
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
fOUT
Output Frequency
30-pF load[5]
25
140
MHz
tR
Output Rise Time
0.8V to 2.0V, 30-pF load
2.1
ns
tF
Output Fall Time
2.0V to 0.8V, 30-pF load
2.5
ns
tICLKR
Input Clock Rise Time[2]
4.5
ns
tICLKF
Input Clock Fall Time[2]
4.5
ns
tPEJ
CLK to FBIN Skew Variation[3, 4]
Measured at VDD/2
–350
0
350
ps
tSK
Output to Output Skew
All outputs loaded equally
–100
0
100
ps
tD
Duty Cycle
30-pF load
43
50
58
%
tLOCK
PLL Lock Time
Power supply stable
1.0
ms
tJC
Jitter, Cycle-to-Cycle[5]
150
ps
Notes:
1.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
2.
Longer input rise and fall time will degrade skew and jitter performance.
3.
Skew is measured at VDD/2 on rising edges.
4.
Duty cycle is measured at VDD/2.
5.
Production tests are run at 133 MHz.
6.
For frequencies below 40 MHz, Cycle-to-Cycle Jitter degrades to 175 ps.
Ordering Information
Ordering Code
Option Number
Package Type
W232
-09, -10
X = 24-pin TSSOP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com