Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W232 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W232
Description  Ten Output Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W232 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W232 Datasheet HTML 1Page - Cypress Semiconductor W232 Datasheet HTML 2Page - Cypress Semiconductor W232 Datasheet HTML 3Page - Cypress Semiconductor W232 Datasheet HTML 4Page - Cypress Semiconductor W232 Datasheet HTML 5Page - Cypress Semiconductor W232 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ten Output Zero Delay Buffer
W232
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07167 Rev. *B
Revised December 15, 2002
Features
• Well-suited to both 100- and 133-MHz designs
• Ten/eleven LVCMOS/LVTTL outputs
• 3.3V power supply
• Available in 24-pin TSSOP package
Key Specifications
Operating Voltage: .............................................. 3.3V ± 10%
Operating Range: ........................25 MHz < fOUT < 140 MHz
Cycle-to-Cycle Jitter: ...............................................< 150 ps
Output to Output Skew: ...........................................< 100 ps
Phase Error Jitter: ....................................................< 125 ps
Static Phase Error: ...................................................< 150 ps
Block Diagram
Pin Configurations
CLK
AVDD
VDD
Q8
Q7
GND
GND
Q6
Q5
VDD
OE5:8
FBIN
24
23
22
21
20
19
18
17
16
15
14
13
AGND
VDD
Q0
Q1
Q2
GND
GND
Q3
Q4
VDD
OE0:4
FBOUT
1
2
3
4
5
6
7
8
9
10
11
12
Q0
PLL
Q1
Q2
Q3
Q5
Q6
OE0:4
Q7
Q8
FBOUT
Q4
Q9
OE
OE5:8
Configuration of these blocks dependent upon specific option being used.
FBIN
CLK
CLK
AVDD
VDD
Q9
Q8
GND
GND
Q7
Q6
Q5
VDD
FBIN
24
23
22
21
20
19
18
17
16
15
14
13
AGND
VDD
Q0
Q1
Q2
GND
GND
Q3
Q4
VDD
OE
FBOUT
1
2
3
4
5
6
7
8
9
10
11
12


Similar Part No. - W232

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W232 CYPRESS-W232 Datasheet
139Kb / 5P
Ten Output Zero Delay Buffer
W232 CYPRESS-W232 Datasheet
326Kb / 6P
Ten Output Zero Delay Buffer
W232-09XT CYPRESS-W232-09XT Datasheet
326Kb / 6P
Ten Output Zero Delay Buffer
logo
Keysight Technologies
W2320EP KEYSIGHT-W2320EP Datasheet
2Mb / 16P
Advanced Design System
W2321EP KEYSIGHT-W2321EP Datasheet
184Kb / 2P
W2321 Layout Element
More results

Similar Description - W232

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W132 CYPRESS-W132 Datasheet
135Kb / 6P
Spread Aware, Ten/Eleven Output Zero Delay Buffer
W232 CYPRESS-W232 Datasheet
139Kb / 5P
Ten Output Zero Delay Buffer
CY2509 CYPRESS-CY2509 Datasheet
100Kb / 6P
Spread Aware, Ten/Eleven Output Zero Delay Buffer
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
XRK39653_0611 EXAR-XRK39653_0611 Datasheet
218Kb / 9P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2509 CYPRESS-CY2509_05 Datasheet
153Kb / 6P
Spread Aware?? Ten/Eleven Output Zero Delay Buffer
W132 CYPRESS-W132_04 Datasheet
230Kb / 7P
Spread Aware짧, Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
Spread Aware Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_11 Datasheet
211Kb / 11P
Spread Aware?? Ten/Eleven Output Zero Delay Buffer
W232-09XT CYPRESS-W232-09XT Datasheet
326Kb / 6P
Ten Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com