Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6624QOMH Datasheet(PDF) 13 Page - STMicroelectronics

Part # VL6624QOMH
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624QOMH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VL6624QOMH Datasheet HTML 9Page - STMicroelectronics VL6624QOMH Datasheet HTML 10Page - STMicroelectronics VL6624QOMH Datasheet HTML 11Page - STMicroelectronics VL6624QOMH Datasheet HTML 12Page - STMicroelectronics VL6624QOMH Datasheet HTML 13Page - STMicroelectronics VL6624QOMH Datasheet HTML 14Page - STMicroelectronics VL6624QOMH Datasheet HTML 15Page - STMicroelectronics VL6624QOMH Datasheet HTML 16Page - STMicroelectronics VL6624QOMH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
VL6624/VS6624
Operational modes
13/106
4
Operational modes
VL6624/VS6624 has a number of operational modes. The power down mode is entered and
exited by driving the hardware CE signal. Transitions between all other modes are initiated
by I²C transactions from the host system or automatically after time-outs.
Figure 2.
State machine at power -up and user mode transitions
Power Down/Up
The power down state is entered from all other modes when CE is
pulled low or the supplies are removed.
During the power-down state (CE = logic 0)
●
The internal digital supply of the VL6624/VS6624 is shut down by an internal
switch mechanism. This method allows a very low power-down current value.
●
The device input / outputs are fail-safe, and consequently can be considered
high impedance.
Supplies Off
Standby
Power-Down
CE pin LOW
CE pin
Pause Mode
Supplies
turned-off
Supplies
turned-on
& CE pin LOW
Supplies
turned-off
1
Stop Mode
Run Mode
HIGH
State Machine at power-up
I2C controlled user mode transitions
Uninitialised
-
Flashgun
Note; Depending on the snapshot
exit transition settings the device will
revert to RUN or PAUSE state
automatically after snapshot
It is possible to enter any of
the user modes direct from the
uninitialised state via an I2C
command
System state changes
Host initiated state
changes
Snapshot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com