Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6624QOMH Datasheet(PDF) 18 Page - STMicroelectronics

Part # VL6624QOMH
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624QOMH Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL6624QOMH Datasheet HTML 14Page - STMicroelectronics VL6624QOMH Datasheet HTML 15Page - STMicroelectronics VL6624QOMH Datasheet HTML 16Page - STMicroelectronics VL6624QOMH Datasheet HTML 17Page - STMicroelectronics VL6624QOMH Datasheet HTML 18Page - STMicroelectronics VL6624QOMH Datasheet HTML 19Page - STMicroelectronics VL6624QOMH Datasheet HTML 20Page - STMicroelectronics VL6624QOMH Datasheet HTML 21Page - STMicroelectronics VL6624QOMH Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 106 page
background image
Frame control
VL6624/VS6624
18/106
6
Frame control
Sensor mode control
The VS6624 device can operate it’s sensor array in three modes controlled by register
SensorMode within
Mode setup.
●
SensorMode_SXGA - the full array is readout and the max frame rate achievable is
15fps
●
SensorMode_VGA_analogue binning - the full array operates and a technique of
analogue binning is used to output VGA at up to 30fps
●
SensorMode_VGA_subsampled - the array is sub-sampled to output VGA at up to
30fps
Image size
An output frame consists of a number of active lines and a number of interframe lines. Each
line consists of embedded line codes (if selected), active pixel data and interline blank data.
Note that by default the interline blanking data is
not qualified by the PCLK and therefore is
not captured by the host system.
The image size can be either the full output from the sensor, depending on sensor mode, or
a scaled output, The output image size can be chosen from one of 7 pre-selected sizes or a
manual image size can be input.
Cropping module
The VL6624/VS6624 contains a cropping module which can be used to define a window of
interest within the full SXGA array size. The user can set a start location and the required
output size.
Figure 4 shows the example with pipe setup bank0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com