Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2524 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitchTM Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 7Page - SMSC Corporation USB2524 Datasheet HTML 8Page - SMSC Corporation USB2524 Datasheet HTML 9Page - SMSC Corporation USB2524 Datasheet HTML 10Page - SMSC Corporation USB2524 Datasheet HTML 11Page - SMSC Corporation USB2524 Datasheet HTML 12Page - SMSC Corporation USB2524 Datasheet HTML 13Page - SMSC Corporation USB2524 Datasheet HTML 14Page - SMSC Corporation USB2524 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
11
Revision 1.91 (08-22-07)
DATASHEET
Chapter 3 Pin Configuration
Figure 3.1 USB2524 QFN-56
thermal slug connects to VSS
26
OCS1_N
25
OCS2_N
24
PRTPWR2
23
PRTPWR3
22
OCS3_N
21
OCS4_N
20
PRTPWR4
19
PRTPWR_POL
18
TEST
17
VDD33
16
VDDCR18
15
LED_B3_N
27
PRTPWR1
28
LED_A2_N/NON_REM1
RESET_N
44
VBUS_DET1
45
VBUS_DET2
46
VDDA33
47
USBUP_DP2
48
USBUP_DM2
49
XTAL2
51
XTAL1/CLKIN
52
VDDPLL18
53
RBIAS
56
NC
55
LED_B4_N
43
VDD33
54
VDDCR18
50
SMSC
USB2524
(Top View QFN-56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com