Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC174 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC174
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC174 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC174 Datasheet HTML 1Page - STMicroelectronics 74VHC174 Datasheet HTML 2Page - STMicroelectronics 74VHC174 Datasheet HTML 3Page - STMicroelectronics 74VHC174 Datasheet HTML 4Page - STMicroelectronics 74VHC174 Datasheet HTML 5Page - STMicroelectronics 74VHC174 Datasheet HTML 6Page - STMicroelectronics 74VHC174 Datasheet HTML 7Page - STMicroelectronics 74VHC174 Datasheet HTML 8Page - STMicroelectronics 74VHC174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
November 2004
s
HIGH SPEED:
fMAX = 175MHz (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 174
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHC174 is an advanced high-speed
CMOS HEX D-TYPE FLIP FLOP WITH CLEAR
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
Information signals applied to D inputs are
transferred to the Q outputs on the positive going
edge of the clock pulse.
When the CLEAR input is held low, the Q outputs
are held low independently of the other inputs.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC174
HEX D-TYPE FLIP FLOP WITH CLEAR
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC174MTR
TSSOP
74VHC174TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74VHC174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC174 STMICROELECTRONICS-74VHC174 Datasheet
71Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
Jun-1999
logo
Toshiba Semiconductor
74VHC174FT TOSHIBA-74VHC174FT Datasheet
178Kb / 11P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
STMicroelectronics
74VHC174M STMICROELECTRONICS-74VHC174M Datasheet
71Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
Jun-1999
74VHC174T STMICROELECTRONICS-74VHC174T Datasheet
71Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
Jun-1999
More results

Similar Description - 74VHC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com