Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32227 Datasheet(PDF) 3 Page - EPCOS

Part # B32227
Description  Metallized Polyester Film Capacitors (MKT)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32227 Datasheet(HTML) 3 Page - EPCOS

  B32227 Datasheet HTML 1Page - EPCOS B32227 Datasheet HTML 2Page - EPCOS B32227 Datasheet HTML 3Page - EPCOS B32227 Datasheet HTML 4Page - EPCOS B32227 Datasheet HTML 5Page - EPCOS B32227 Datasheet HTML 6Page - EPCOS B32227 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Overview of available types
Type
B32227
Page
4
VR (VDC)
1000
1600
2500
4000
6300
Vrms (VAC)
220
220
220
220
220
CR (
µF)
0.010
0.025
0.05
0.10
0.25
B32227
High voltage (wound)
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com