Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32227 Datasheet(PDF) 4 Page - EPCOS

Part # B32227
Description  Metallized Polyester Film Capacitors (MKT)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32227 Datasheet(HTML) 4 Page - EPCOS

  B32227 Datasheet HTML 1Page - EPCOS B32227 Datasheet HTML 2Page - EPCOS B32227 Datasheet HTML 3Page - EPCOS B32227 Datasheet HTML 4Page - EPCOS B32227 Datasheet HTML 5Page - EPCOS B32227 Datasheet HTML 6Page - EPCOS B32227 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering codes and packing units
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
Capacitance tolerance code: M =
±20%
1000 220
0.050
5.5
× 12.0 × 33.0 B32227J0503M000 100
0.10
6.0
× 18.5 × 33.0 B32227J0104M000
50
0.25
9.5
× 25.0 × 33.0 B32227J0254M000
20
1600 220
0.025
5.0
× 11.5 × 33.0 B32227J1253M000 100
0.050
6.0
× 16.5 × 33.0 B32227J1503M000 100
0.10
8.0
× 20.0 × 33.0 B32227J1104M000
50
0.25
15.5
× 31.0 × 33.0 B32227J1254M000
20
2500 220
0.025
8.5
× 18.0 × 33.0 B32227J2253M000
50
0.050
12.5
× 25.5 × 33.0 B32227J2503M000
50
0.10
10.5
× 26.5 × 45.0 B32227J2104M000
20
0.25
15.5
× 40.5 × 45.0 B32227J2254M000
20
4000 220
0.010
9.5
× 22.0 × 33.0 B32227J4103M000
20
0.025
10.0
× 22.5 × 45.0 B32227J4253M000
20
0.050
12.5
× 31.0 × 45.0 B32227J4503M000
20
0.10
16.5
× 42.0 × 45.0 B32227J4104M000
20
6300 220
0.010
9.0
× 21.5 × 45.0 B32227J6103M000
20
0.025
13.5
× 32.5 × 45.0 B32227J6253M000
20
0.050
17.0
× 42.0 × 45.0 B32227J6503M000
20
B32227
High voltage (wound)
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com