Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS310 Datasheet(PDF) 159 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 159 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 155Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 156Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 157Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 158Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 159Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 160Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 161Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 162Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 163Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
81
Inspection and Cleaning
Inspection and Cleaning describes how to inspect for dirt and damage on
and how to clean the exterior and interior of the oscilloscope. You should
perform inspection and cleaningas preventive maintenance. Preventive
maintenance, when done regularly, may prevent oscilloscope malfunction
and enhance its reliability.
Preventive maintenance consists of visually inspectingand cleaningthe
oscilloscope and usinggeneral care when operatingit.
How often to do maintenance depends on the severity of the environment in
which you use the oscilloscope. A proper time to perform preventive mainte
nance is just before oscilloscope adjustment.
CAUTION
Static discharge can damage any semiconductor component in this
oscilloscope.
Precautions
When performingany service which requires internal access to the oscillo
scope, adhere to the followingprecautions to avoid damaginginternal mod
ules and their components due to electrostatic discharge (ESD).
1. Minimize handlingof staticsensitive modules.
2. Transport and store staticsensitive modules in their static protected
containers. Label any package that contains staticsensitive modules.
3. Discharge the static voltage from your body by wearing a grounded
antistatic wrist strap while handlingthese modules. Do service of
staticsensitive modules only at a staticfree work station.
4. Do not remove the oscilloscope cabinet unless you have met precaution
number 3, above. Consider all internal modules staticsensitive.
5. Nothingcapable of generatingor holdinga static charge should be
allowed on the work station surface.
6. Handle circuit boards by the edges when possible.
7. Do not slide the modules over any surface.
Preventing ESD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com