Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS310 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 20Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 21Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 22Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 23Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 24Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 25Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 26Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 27Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 242 page
background image
Safety Summary
Safety
xii
Observe all the following precautions to ensure your personal safety and to
prevent damage to either the oscilloscope or equipment connected to it.
Power Source
The oscilloscope operates from a power source that will not apply more than
250 VRMS betweenthe supply conductors or betweeneither supply conductor
and ground. A protective ground connection, through the grounding conduc
tor in the power cord, is essential for safe system operation.
Grounding the Oscilloscope
The oscilloscope is grounded through the power cord. To avoid electric shock,
plug the power cord into a properly wired receptacle with an earth ground
connection. Do this before making connections to the input or output termi
nals of the oscilloscope.
Without the protective ground connection, all parts of the oscilloscope are
potential shock hazards. This includes knobs and controls that may appear to
be insulators.
Use the Proper Power Cord
Use only the power cord and connector specified for your product. Use only a
power cord that is in good condition.
Use the Proper Fuse
To avoid fire hazard, use only a fuse that meets all type, voltage, and current
specifications on page 21.
Do Not Remove Covers or Panels
To avoid personal injury, do not operate the oscilloscope without the panels or
covers.
Do Not Operate in Explosive Atmospheres
The oscilloscope provides no explosionprotectionfrom static discharges or
arcing components. Do not operate the oscilloscope in an atmosphere of
explosive gasses.
Electric Overload
Never apply a voltage to a connector on the oscilloscope that is outside the
range specified for that connector.
Specific Precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com