Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS310 Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 92Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 93Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 94Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 95Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 96Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 97Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 98Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 99Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 242 page
background image
Making HardCopy
Operation
344
2. Repeatedly press the leftmost main menu button until I/O is highlighted in
the popup. This activates the system I/O menu, shown in Figure 328.
Figure 328:The System I/O Menu
3. Press the main menu button Hcp Port. Use the side menu to select
Centronics, GPIB,or RS 232C.
4. Press the main menu button Hcp Layout. Use the side menu to select
Landscape or Portrait.
5. Press the main menu button Hcp Format. Use the side menu to select
your printer format (press the lowermost side menu button, labeled
-more- x of 3, to page through the formats as necessary). Formats
available are Thinkjet, Deskjet, Laserjet, Epson, Interleaf, TIFF, PCX,
BMP, EPS (Encapsulated PostScript), DPU 411/II, and DPU 412.
6. Ifyou are using the GPIB as your hard copy port, press the main menu
button GPIB. Then press the side menu button Hardcopy (Talk Only).
7. Ifyou are using the RS 232C as your hard copy port, press the main
menu button RS 232C. Then press, in turn, each side menu button until
the desired parameter settings are displayed in the side menu. Or, ifits
settings are appropriate, press Set RS 232 Parameters to Default
Values. Remember, the parameter settings you select must be compat
ible with the settings ofyour hardcopy device or personal computer. (For
additional RS 232 information see your TDS 310, TDS 320, & TDS 350
Programmer Manual.)
You are now ready to make a hard copy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com