Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5706PAP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAP Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5706PAP Datasheet HTML 32Page - Texas Instruments TAS5706PAP Datasheet HTML 33Page - Texas Instruments TAS5706PAP Datasheet HTML 34Page - Texas Instruments TAS5706PAP Datasheet HTML 35Page - Texas Instruments TAS5706PAP Datasheet HTML 36Page - Texas Instruments TAS5706PAP Datasheet HTML 37Page - Texas Instruments TAS5706PAP Datasheet HTML 38Page - Texas Instruments TAS5706PAP Datasheet HTML 39Page - Texas Instruments TAS5706PAP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
www.ti.com
BANK SWITCHING
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
The TAS5706 uses an approach called bank switching together with automatic sample-rate detection. All
processing features that must be changed for different sample rates are stored internally in the TAS5706. The
TAS5706 has three full banks storing information, one for 32 kHz, one for 44.1/48 kHz, and one for all other data
rates. Combined with the clock-rate autodetection feature, bank switching allows the TAS5706 to detect
automatically a change in the input sample rate and switch to the appropriate bank without any MCU
intervention.
The TAS5706 supports three banks of coefficients to be updated during the initialization. One bank is for 32 kHz
, a second bank is for 44.1/48 kHz, and a third bank is for all other sample rates. An external controller updates
the three banks (see the I2C register mapping table for bankable locations) during the initialization sequence.
If the autobank switch is enabled (register 0x50, bits 2:0) , then the TAS5706 automatically swaps the
coefficients for subsequent sample rate changes, avoiding the need for any external controller intervention for a
sample rate change.
By default, bits 2:0 have the value 000; that means the bank switch is disabled. In that state, any update to
locations 0x29–0x3F go into the DAP. A write to register 0x50 with bits 2:0 being 001, 010, or 011 brings the
system into the coefficient-bank-update state update bank1, update bank2, or update bank3, respectively. Any
subsequent write to locations 0x29-0x3F updates the coefficient banks stored outside the DAP. After updating all
the three banks, the system controller should issue a write to register 0x50 with bits 2:0 being 100; this changes
the system state to automatic bank update. In automatic bank update, the TAS5706 automatically swaps banks
based on the sample rate.
In the headphone mode, speaker equalization and DRC are disabled, and they are restored upon returning to the
speaker mode.
Command sequences for initialization can be summarized as follows:
1.
Enable factory trim for internal oscillator: Write to register 0x1B with a value 0x00.
2.
Update coefficients: Coefficients can be loaded into DAP RAM using the manual bank mode.
OR
Use automatic bank mode.
a.
Enable bank-1 mode: Write to register 0x50 with 0x01. Load the 32-kHz coefficients. TI ALE
can generate coefficients.
b.
Enable bank-2 mode: Write to register 0x50 with 0x02. Load the 48-kHz coefficients.
c.
Enable bank-3 mode: Write to register 0x50 with 0x03. Load the other coefficients.
d.
Enable automatic bank switching by writing to register 0x50 with 0x04.
3.
Bring the system out of all-channel shutdown: Write 0 to bit 6 of register 0x05.
4.
Issue master volume: Write to register 0x07 with the volume value (0 db = 0x30).
36
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com