Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5706PAP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS5706PAP Datasheet HTML 40Page - Texas Instruments TAS5706PAP Datasheet HTML 41Page - Texas Instruments TAS5706PAP Datasheet HTML 42Page - Texas Instruments TAS5706PAP Datasheet HTML 43Page - Texas Instruments TAS5706PAP Datasheet HTML 44Page - Texas Instruments TAS5706PAP Datasheet HTML 45Page - Texas Instruments TAS5706PAP Datasheet HTML 46Page - Texas Instruments TAS5706PAP Datasheet HTML 47Page - Texas Instruments TAS5706PAP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
www.ti.com
ERROR STATUS REGISTER (0x02)
SYSTEM CONTROL REGISTER 1 (0x03)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
Note that the error bits are sticky bits that are not cleared by the hardware. This means that the software must
clear the register (write zeroes) and then read them to determine if there are any persistent errors.
Table 5. Error Status Register (0x02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
–
–
MCLK error
–
1
–
–
–
–
–
–
PLL autolock error
–
–
1
–
–
–
–
–
SCLK error
–
–
–
1
–
–
–
–
LRCLK error
–
–
–
–
1
–
–
–
Frame slip
0
0
0
0
0
0
0
0
No errors (1)
(1)
Default values are in bold.
Note that the error bits are sticky bits that are not cleared by the hardware. This means that the software must
clear the register (write zeroes) and then read them to determine if there are any persistent errors.
Table 6. Error Status Register (0x02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
1
–
–
–
–
–
–
PLL autolock error
–
–
1
–
–
–
–
–
SCLK error
–
–
–
1
–
–
–
–
LRCLK error
–
–
–
–
1
–
–
–
Frame slip
0
0
0
0
0
0
0
0
No errors (1)
(1)
Default values are in bold.
The system control register 1 has several functions:
Bit D7:
If 0, the dc-blocking filter for each channel is disabled.
If 1, the dc-blocking filter (–3 dB cutoff <1 Hz) for each channel is enabled (default).
Bit D5:
If 0, use soft unmute on recovery from clock error. This is a slow recovery.
If 1, use hard unmute on recovery from clock error (default). This is a fast recovery.
Bit D3:
If 0, clock autodetect is enabled (default).
If 1, clock autodetect is disabled.
Bit D2:
If 0, soft start is enabled (default).
If 1, soft start is disabled.
Bits D1–D0: Select de-emphasis
Table 7. System Control Register 1 (0x03)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
PWM high-pass (dc blocking) disabled
1
–
–
–
–
–
–
–
PWM high-pass (dc blocking) enabled (1)
–
0
–
–
–
–
–
–
Reserved (1)
–
–
0
–
–
–
–
–
Soft unmute on recovery from clock error
–
–
1
–
–
–
–
–
Hard unmute on recovery from clock error (1)
–
–
–
0
–
–
–
–
Reserved (1)
–
–
–
–
0
–
–
–
Enable clock autodetect (1)
(1)
Default values are in bold.
44
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com