Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR71XF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STR71XF
Description  Evaluation Board for STR71xF
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR71XF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STR71XF Datasheet HTML 3Page - STMicroelectronics STR71XF Datasheet HTML 4Page - STMicroelectronics STR71XF Datasheet HTML 5Page - STMicroelectronics STR71XF Datasheet HTML 6Page - STMicroelectronics STR71XF Datasheet HTML 7Page - STMicroelectronics STR71XF Datasheet HTML 8Page - STMicroelectronics STR71XF Datasheet HTML 9Page - STMicroelectronics STR71XF Datasheet HTML 10Page - STMicroelectronics STR71XF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
STR710-EVAL
2 Hardware
6/27
2.1
Overview
The STR710-EVAL board is a general purpose evaluation platform with USB, CAN (controller
area network) and RS232 interfaces.
2.2
Processor
The board supports the STR710FZ2T6 ARM7TDMITM silicon - 144-pin TQFP version. This chip
runs at a frequency of 48 MHz.
Boot modes and configuration options are set using microswitches.
2.3
Debug
Software debug is by a standard 20-pin JTAG connection. This may connect to a standard USB
to JTAG in-circuit emulator.
2.4
Prototype area
A 2.54 x 2.54 mm gridded area of 1mm holes is available for prototyping using wire wrap or
similar prototyping techniques.
2.5
Reset
The reset sources are:
●
power on reset,
●
push button reset,
●
JTAG reset from an in-circuit emulator.
2.6
Memory
2.7
Power supplies
Power to the board is supplied using a lump in cord power supply providing 5 V to the board. All
other required voltages are provided by on-board voltage regulators or voltage convertors.
2.8
USB full speed interface
USB full speed interface device supported by a type B connector. The USB clock uses a
separate 48 MHz oscillator. See
Section 3.1: USB on page 13.
Table 1.
STR710-EVAL board EMI memory map
Region
Use
Memory map used
Region space available
3
Unused
Not applicable
0x6600 0000 - 0x67FF FFFF
2
LCD
Address 2 is used as the LCD
register address signal
0x6400 0000 - 0x65FF FFFF
1
SRAM
0x6200 0000 - 0x623F FFFF
0x6200 0000 - 0x62FF FFFF
0
Flash (boot bank)
0x6000 0000 - 0x603F FFFF
0x6000 0000 - 0x60FF FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com