Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR71XF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STR71XF
Description  Evaluation Board for STR71xF
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR71XF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STR71XF Datasheet HTML 7Page - STMicroelectronics STR71XF Datasheet HTML 8Page - STMicroelectronics STR71XF Datasheet HTML 9Page - STMicroelectronics STR71XF Datasheet HTML 10Page - STMicroelectronics STR71XF Datasheet HTML 11Page - STMicroelectronics STR71XF Datasheet HTML 12Page - STMicroelectronics STR71XF Datasheet HTML 13Page - STMicroelectronics STR71XF Datasheet HTML 14Page - STMicroelectronics STR71XF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
STR710-EVAL
2 Hardware
10/27
Jumpers are fitted as shown in
Figure 4.
2.15
Option switch settings
Table 4.
Option jumpers
Jumper
Figure
Description
Default
J1
Figure 16 on page 20
CAN link: not fitted / fitted (default)
Fitted
J3
Figure 12 on page 16
VBKP supply: internal / board (default))
Fitted
J4
Figure 19 on page 23
notJRst / notReset link: connected / open (default)
Not fitted
J5
Figure 12 on page 16
Not fitted.
Do not fit
Figure 4.
Jumper positions
Table 5.
Option switch settings
Switch
Schematic
Description
Default
SW1
Figure 16 on page 20
CAN transceiver select: L9669 / L9616
(default)
Note SW1 and SW2 must be changed
together.
1 = L9669
A = L9616
ON
SW2
ON
SW3
Figure 11 on page 15
LCD Select
PTM
SW4
Figure 11 on page 15
LCD Next
PTM
SW5
Figure 16 on page 20
L9616 ASC speed:
1-2 = pull down = high speed
2-3 = pull up = low speed
2-3
SW6
Figure 17 on page 21
I2C EEPROM write control (notWC):
1-2 = pull down = enable writes to
EEPROM
2-3 = pull up = disable writes to EEPROM
2-3
SW7
Figure 17 on page 21
SPI flash notHOLD:
1-2 = pull down = SPI flash in “hold mode”
2-3 = pull up = SPI flash in “normal mode”
2-3
SW8
Figure 17 on page 21
SPI flash notW:
1-2 = pull down = Write protect
2-3 = pull up = Write enabled
2-3
Not fitted
Do not fit
Fitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com