Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-10006C2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-10006C2
Description  6 line EMI filter and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-10006C2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-10006C2 Datasheet HTML 1Page - STMicroelectronics EMIF06-10006C2 Datasheet HTML 2Page - STMicroelectronics EMIF06-10006C2 Datasheet HTML 3Page - STMicroelectronics EMIF06-10006C2 Datasheet HTML 4Page - STMicroelectronics EMIF06-10006C2 Datasheet HTML 5Page - STMicroelectronics EMIF06-10006C2 Datasheet HTML 6Page - STMicroelectronics EMIF06-10006C2 Datasheet HTML 7Page - STMicroelectronics EMIF06-10006C2 Datasheet HTML 8Page - STMicroelectronics EMIF06-10006C2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
EMIF06-10006C2
4/9
Figure 9.
Aplac model
Figure 10.
Figure 10: Aplac parameters
EMIF06-10006C2 model
Ground return for each GND bump
Oi * = Output of each filter cell
Ii* = Input of each filter cell
Oi*
Cz=41pF@0V
Cz=41pF@0V
sub
Rs=100
Lbump
Rbump
Rsub
Cbump
Ii*
Rsub
Lbump
Rbump
Cbump
sub
Lbump
Rbump
sub
Rsub
Lgnd
Rgnd
Cgnd
Cgnd
Cgnd
aplacvar RS
aplacvar Cz
aplacvar Lbump
aplacvar Rbump
aplacvar Cbump
aplacvar Rsub
aplacvar Rgnd
aplacvar Lgnd
aplacvar Cgnd
100
41 pF
50 pH
20 m
1.2 pF
100 m
100 m
100 pH
0.15 pF
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com